Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC8022D2AL Datasheet(PDF) 65 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 65 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 61Page - Positronic. FC8022D2AL Datasheet HTML 62Page - Positronic. FC8022D2AL Datasheet HTML 63Page - Positronic. FC8022D2AL Datasheet HTML 64Page - Positronic. FC8022D2AL Datasheet HTML 65Page - Positronic. FC8022D2AL Datasheet HTML 66Page - Positronic. FC8022D2AL Datasheet HTML 67Page - Positronic. FC8022D2AL Datasheet HTML 68Page - Positronic. FC8022D2AL Datasheet HTML 69Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
CUSTOMER SPECIFIED CONTACT TERMINATION LENGTH
Y*
X
STRAIGHT PRINTED BOARD MOUNT
Positronic can supply CB series connectors with customer specified
termination lengths. We have a wide variety of options available.
X and Y contact termination lengths can be
custom designed to fit your application requirements.
X
RIGHT ANGLE (90°) PRINTED BOARD MOUNT
*Note:
PCB spacer height can
be adjusted according to
contact termination length
Connectors Designed To Customer Specifications
Positronic Combo-D connectors can be modified to customers specifications.
Examples: select loading of contacts for cost savings or to gain creepage and clearance distances; longer
PCB terminations; customer specified hardware; sealing for water resistance.
Contact Technical Sales with your particular requirements.
CONTACT TECHNICAL SALES FOR MORE INFORMATION!
67
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
UNIQUE FEATURES
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com