Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC8022D2AL Datasheet(PDF) 85 Page - Positronic.

Part # FC8022D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL Datasheet(HTML) 85 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 78Page - Positronic. FC8022D2AL Datasheet HTML 79Page - Positronic. FC8022D2AL Datasheet HTML 80Page - Positronic. FC8022D2AL Datasheet HTML 81Page - Positronic. FC8022D2AL Datasheet HTML 82Page - Positronic. FC8022D2AL Datasheet HTML 83Page - Positronic. FC8022D2AL Datasheet HTML 84Page - Positronic. FC8022D2AL Datasheet HTML 85Page - Positronic. FC8022D2AL Datasheet HTML 86Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
Positronic HIGH
RELIABILITY
Products
Contact Sizes:
0, 8, 12, 16, 20,
22 and 24
Current Ratings:
To 200 amperes per
contact
Terminations:
Crimp and fixed cable
connector, straight
solder, right angle
(90°)
solder, straight compliant
press-in and right
angle (90°) compliant
press-in
Configurations:
Multiple variants in
a variety of package
sizes
Compliance:
PICMG 2.11, PICMG
3.0, VITA 41, DSCC,
GSFC S-311-P-4,
GSFC S-311-P-10
FEATURES:
• High current density
• Energy saving -
low contact resistance
• Hot swap capability
• AC/DC operation
in a single connector
• Signal contacts
for hardware manage
-
ment • Blind mating
• Sequential mating
• Large surface area
contact mating
system
• Wide variety of
accessories
• Customer-specified
contact arrangements
• Modular tooling
which produces
a single piece connector
insert
POWER
Contact Sizes:
16, 20 and 22
Current Ratings: To 13 amperes
nominal
Terminations:
Crimp, wire solder, straight
solder, right angle (90°) solder,
and
straight compliant press-in
Configurations:
Multiple variants in both standard
and high densities,
thirty package sizes
Qualifications:
MIL-DTL-28748,
AS39029, CCITT V.35
FEATURES:
• Two performance levels available:
industrial quality and military
quality
• A wide variety of accessories
• Broad selection of contact
arrangement
and package sizes
• Connector coding device
(keying) options
RECTANGULAR
Contact Sizes:
8, 16, 20 and 22
Current Ratings: To 100 amperes
Terminations:
Crimp, wire solder, straight
solder, right angle (90°) solder,
straight
compliant press-in and right
angle (90°) compliant press-in
Configurations:
Multiple variants in both standard
and high densities, seven connector
housing sizes
Qualifications:
MIL-DTL-24308,
GSFC S-311-P-4, GSFC S-311-P-10,
AS39029, DSCC
FEATURES:
• Four performance levels available
for
best cost/performance
ratio: professional,
industrial, military and space-flight
quality
• Options include high voltage,
coax,
thermocouple and air coupling
contacts;
environmentally sealed and dual
port
connector packages including
mixed density
• Broad selection of accessories
• Size 20 and 22 contacts
suitable for
use in carrying power
• IP65, IP67
D-SUBMINIATURE
Contact Sizes:
12, 16, 20 and 2
2
Current Ratings:
To 25 amperes nominal
Terminations:
Crimp, wire solder,
straight solder, and
right angle (90°) solder
Configurations:
Multiple variants in
four package sizes
Qualifications:
Environmental protection
to IP67
FEATURES:
• Non-corrodible
/ lightweight composite
construction
• EMI/RFI shielded
versions
• Thermocouple contacts
• Environmentally
sealed versions
• Rear insertion/ front
release of removable
contacts
• Two level sequential
mating
• Overmolding available
on full assemblies
CIRCULAR
Contact Sizes:
8, 12, 16, 20 and 22
Current Ratings: To 40 amperes
nominal
Terminations:
Feedthrough is standard;
flying leads and board mount
available
upon request
Configurations:
See D-subminiature
and circular configurations
above
Compliance:
Space-D32
FEATURES:
• Intended for use as an electrical
feedthrough in high vacuum
applications
• Helium leakage rate at ambient
temperature: < 5x10-9 mbar.l/s
under
a vacuum 1.5x10-2 mbar
• Signal, power, coax and high
voltage
versions available
• Connectors can be mounted
on flange
assembly per customer specification
HERMETIC
3Design assemblies
in accordance with
customer specifications.
3Prepare wire harness
connector configuration
and performance
specifications.
3Design each system
in accordance with
applicable customer,
domestic,
and international
standards.
3Define and conduct
performance and
verification testing.
FEATURES:
• Shorten the supply
chain and reduce
additional costs and
delays by “cablizing”
your Positronic connector
selection
• Overmolding available
• Shielded and environmentally
sealed
versions available
• Power cables and
access boxes which
meet the SAE J2496
specification
CABLE
For more information,
visit www.connectpositronic.com or call your nearest
Positronic sales office listed on the back of this catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com