Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS4101D Datasheet(PDF) 50 Page - Positronic.

Part # FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Datasheet(HTML) 50 Page - Positronic.

Back Button FS4101D Datasheet HTML 46Page - Positronic. FS4101D Datasheet HTML 47Page - Positronic. FS4101D Datasheet HTML 48Page - Positronic. FS4101D Datasheet HTML 49Page - Positronic. FS4101D Datasheet HTML 50Page - Positronic. FS4101D Datasheet HTML 51Page - Positronic. FS4101D Datasheet HTML 52Page - Positronic. FS4101D Datasheet HTML 53Page - Positronic. FS4101D Datasheet HTML 54Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
Notes:
*1 2WK2 connectors have 1 male and 1 female contacts. Female connector
should be loaded with female contact in A2 position.
*2 3WK3 male variant contains 2 male contacts and 1 female contact. Female
variant contains 2 female contacts and 1 male contact
CONTACT VARIANTS
FACE VIEW OF MALE OR REAR VIEW OF FEMALE
SHELL SIZE 2
5W1
*1 2WK2
3W3
*2 3WK3
5W5
9W4
8W8
13W3
13W6
25W3
27W2
17W2
17W5
21W1
21WA4
7W2
11W1
SHELL SIZE 3
SHELL SIZE 4
SHELL SIZE 1
ELECTRICAL CHARACTERISTICS:
SIZE 20 CONTACTS
Contact Current Rating:
7.5 amperes nominal.
Initial Contact Resistance:
0.008 ohms maximum.
Proof Voltage:
1000 V r.m.s.
SIZE 8 CONTACTS
POWER CONTACTS
Electrical characteristics for 0.078 inch diameter terminations,
see page 4.
CONNECTOR
Insulation Resistance:
5 G ohms.
Clearance and Creepage
Distance (minimum):
0.039 inch [1.0mm]
Working Voltage:
300 V r.m.s.
CLIMATIC CHARACTERISTICS:
Temperature Range:
-55°C to +125°C.
Damp Heat, Steady State:
10 days.
MECHANICAL CHARACTERISTICS, continued:
Contact Retention
In Insulator:
22 lbs. [98N]
Contact Terminations:
Printed board mount with right angle
(90°) terminations of 0.078 inch [1.98mm]
diameter.
Shells:
Male connector shells may be dimpled for
EMI/ESD ground paths.
Polarization:
Trapezoidally shaped shells and polarized
jackscrews.
Mounting Bracket
Riveted fasteners with 0.120 inch
Riveted to Connector:
[3.05mm] diameter clearance hole, with
4-40 threads or 4-40 threads with nylon
lock insert.
Mounting To
Printed Board:
Rapid installation push-on fasteners.
Locking Systems:
Jackscrews and vibration locking system
for either front or rear panel mounted
connectors.
Mechanical Operations:
500 operations minimum per IEC 60512-
5.
TECHNICAL CHARACTERISTICS, continued
continued from previous page. . . .
44
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
VERTICALLY STACKED STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com