Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS4101D Datasheet(PDF) 10 Page - Positronic.

Part # FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Datasheet(HTML) 10 Page - Positronic.

Back Button FS4101D Datasheet HTML 6Page - Positronic. FS4101D Datasheet HTML 7Page - Positronic. FS4101D Datasheet HTML 8Page - Positronic. FS4101D Datasheet HTML 9Page - Positronic. FS4101D Datasheet HTML 10Page - Positronic. FS4101D Datasheet HTML 11Page - Positronic. FS4101D Datasheet HTML 12Page - Positronic. FS4101D Datasheet HTML 13Page - Positronic. FS4101D Datasheet HTML 14Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
MATERIALS AND FINISHES:
Insulator:
Glass filled polyester per ASTM D 5927
UL 94V-0, blue color, and composite.
Contacts:
Precision machined copper alloy.
Contact Plating:
SIGNAL:
Gold flash over nickel plate and gold 0.000050
[1.27µ] over nickel plate. Other finishes
available upon request, see page 81.
POWER:
Gold flash over nickel. Other finishes available
upon request, see page 81.
SHIELDED:
For contact platings, see page 68.
HIGH VOLTAGE:
For contact platings, see page 68.
Shells:
Steel with tin plate; zinc plate with chromate
seal; stainless steel passivated. Other
materials and finishes available upon request.
Mounting Spacers
Nylon; polyester; copper alloy or steel with zinc
and Brackets:
plate and chromate seal or tin plate;
phosphor bronze with tin plate; stainless
steel, passivated.
Push-On Fasteners:
Phosphor bronze and beryllium copper with
tin plate.
Jackscrew Systems:
Brass or steel with zinc plate and chromate
seal or clear zinc plate or tin plate; stainless
steel, passivated.
Hoods:
Composite and plastic, UL 94V-0; brass
or steel with zinc plate and chromate seal.
Aluminum; aluminum with electroless nickel
plate. For aluminum hoods, zinc content is
1% maximum. Die cast zinc.
Non-magnetic versions are available, contact Technical Sales.
MECHANICAL CHARACTERISTICS:
Signal Contacts,
Size 20 contacts, male - 0.040 inch
Fixed:
[1.02mm] diameter. CBD series has open
entry female contacts. PosiBand closed entry
female options are also available. CBM series
has PosiBand closed entry female contacts,
see page 68 for details.
Contact Retention
Signal: 9 lbs. [40N]. Power, shielded
in Insulator:
and high voltage: 22 lbs [98N].
Resistance to
500˚F [260˚C] for 10 seconds duration
Solder Iron Heat:
per IEC 60512-6.
Signal Contact
Solder contacts - 0.042 inch [1.06mm]
Terminations:
minimum hole diameter for 20 AWG [0.5 mm2]
wire maximum.
Straight Printed Board Mount – 0.028 inch
[0.71mm] termination diameter.
Right Angle (90°) Printed Board Mount –
0.028 inch [0.71 mm] termination diameter.
Power Contacts,
Size 8 contact, male – 0.142 inch [3.61mm]
Removable, Crimp
mating diameter. Terminations for 6, 8, 10,
or Solder Termination:
12, and 16 AWG. Female contact features
Large Surface Area (L.S.A.) closed entry
contact design utilizing BeCu mechanical
retention member. Closed crimp barrel.
Power Contacts,
Size 8 contact, male – 0.142 inch
Printed Board Mount:
[3.61mm] mating diameter.
Printed board
terminations with 0.078 inch [1.98mm], 0.094
inch [2.39mm] and 0.125 inch [3.18mm]
termination diameters.
Shielded Contacts,
See table of cable sizes for contact
Removable:
termination dimensions, page 78.
TECHNICAL CHARACTERISTICS
High Voltage Contacts:
Straight and right angle (90°) terminations –
0.041 inch [1.04mm] minimum hole diameter.
Shells:
Male shells may be dimpled for EMI/ESD
ground paths.
Polarization:
Trapezoidally shaped shells and polarized
jackscrews.
Mounting to
Jackscrews and riveted fasteners with
Angle Brackets:
0.120 inch [3.05mm] diameter hole, and
threaded riveted fasteners with 4-40 threads
and nylon inserts.
Mounting to
Rapid installation push-on fasteners and
Printed Board:
threaded posts.
Locking Systems:
Jackscrews and vibration locking systems.
Mechanical Operations:
CBD series, open entry contacts, 500
operations. CBD series, PosiBand closed
entry and CBM series, 1,000 operations. Per
IEC 60512-5.
ELECTRICAL CHARACTERISTICS:
SIZE 20 CONTACTS
Contact Current Rating:
7.5 amperes nominal.
Initial Contact Resistance:
0.008 ohms maximum.
Proof Voltage:
1000 V r.m.s.
SIZE 8 CONTACTS
POWER CONTACTS
Contact Current Rating - Tested per UL 1977:
Standard Contact Material:
0.078 inches diameter / 12 AWG terminations:
39 amperes.
0.094 inches diameter / 10 AWG terminations:
50 amperes.
0.125 inches diameter / 8 AWG terminations:
70 amperes.
See Temperature Rise Curves on page 1 for details.
High Conductivity Contact Material:
8 AWG terminations:
80 amperes.
See Temperature Rise Curves on page 2 for details.
Initial Contact Resistance:
Standard Contact Material: 0.0005 ohms max. per IEC 60512-2,
Test 2b.
High Conductivity
0.00035 ohms max. per IEC 60512-2,
Contact Material:
Test 2b.
Proof Voltage:
1000 V r.m.s.
SHIELDED CONTACTS
For electrical characteristics, see page 69.
HIGH VOLTAGE CONTACTS
For electrical characteristics, see page 69.
CONNECTOR
Insulation Resistance:
5 G ohms.
Clearance and
Creepage Distance:
0.039 [1.0mm] minimum.
Working Voltage:
300 V r.m.s.
CLIMATIC CHARACTERISTICS:
Temperature Range:
-55°C to +125°C.
Damp Heat, Steady State:
10 days.
THERMOCOUPLE CONTACTS:
Straight and right angle PCB mount contacts are available, please contact
Technical Sales for details.
Size 20 crimp contacts are available in CBC series, see page 74 for details.
4
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com