| Electronic Components Datasheet Search |
|
FS4101D Datasheet(PDF) 82 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
FS4101D Datasheet(HTML) 82 Page - Positronic. |
|
82 / 86 page ![]() SUGGESTED PRINTED BOARD HOLE SIZES FOR COMPLIANT PRESS-FIT CONNECTORS Traditionally, tin-lead has been a popular plating for printed circuit board (PCB) holes. However, many PCB hole platings must now be RoHS Compliant. Positronic is pleased to offer PCB HOLE SIZE FOR RoHS PCB plating as shown below. NOTE: For PCB plating compositions not shown, consult Technical Sales. OMEGA & BI-SPRING COMPLIANT PRESS-FIT CONTACT HOLE BOARD TYPE CONTACT SIZE / TYPE RECOMMENDED DRILL HOLE SIZE RECOMMENDED PLATING FINISHED HOLE SIZES TIN-LEAD SOLDER PCB 22 OMEGA ø0.0453±0.0010 [ø1.150±0.025] 0.0006 [15µ] minimum solder over 0.0010 [25µ] min. copper ø0.0394+0.0035-0.0024 [ø1.000+0.090-0.060] 20 OMEGA ø0.0453±0.0010 [ø1.150±0.025] ø0.0394+0.0035-0.0024 [ø1.000+0.090-0.060] 16 BI-SPRING ø0.069±0.001 [ø1.750±0.025] ø0.0630+0.0035-0.0024 [ø1.600+0.090-0.060] 8 BI-SPRING ø0.125±0.001 [ø3.180±0.025] ø0.119±0.002 [ø3.02±0.05] RoHS PCB PLATING OPTIONS COPPER PCB 22 OMEGA ø0.047±0.001 [ø1.19±0.025] 0.0010 [25µ] min. copper ø0.043±0.002 [ø1.09±0.05] 20 OMEGA ø0.047±0.001 [ø1.19±0.025] ø0.043±0.002 [ø1.09±0.05] 16 BI-SPRING ø0.069±0.001 [ø1.750±0.025] ø0.0630+0.0035-0.0024 [ø1.600+0.090-0.060] 8 BI-SPRING ø0.125±0.001 [ø3.180±0.025] ø0.119±0.002 [ø3.02±0.05] IMMERSION TIN PCB 22 OMEGA ø0.047±0.001 [ø1.19±0.025] 0.000033±0.000006 [0.85±0.15µ] immersion tin over 0.0010 [25µ] min. copper ø0.043±0.002 [ø1.09±0.05] 20 OMEGA ø0.047±0.001 [ø1.19±0.025] ø0.043±0.002 [ø1.09±0.05] 16 BI-SPRING ø0.069±0.001 [ø1.750±0.025] ø0.0630+0.0035-0.0024 [ø1.600+0.090-0.060] 8 BI-SPRING ø0.125±0.001 [ø3.180±0.025] ø0.119±0.002 [ø3.02±0.05] IMMERSION SILVER PCB 22 OMEGA ø0.047±0.001 [ø1.19±0.025] 0.000013±0.000007 [0.34±0.17µ] immersion silver over 0.0010 [25µ] min. copper ø0.043±0.002 [ø1.09±0.05] 20 OMEGA ø0.047±0.001 [ø1.19±0.025] ø0.043±0.002 [ø1.09±0.05] 16 BI-SPRING ø0.069±0.001 [ø1.750±0.025] ø0.0630+0.0035-0.0024 [ø1.600+0.090-0.060] 8 BI-SPRING ø0.125±0.001 [ø3.180±0.025] ø0.119±0.002 [ø3.02±0.05] ELECTROLESS NICKEL / IMMERSION GOLD PCB 22 OMEGA ø0.047±0.001 [ø1.19±0.025] 0.000002 [0.05µ] min. immersion gold over 0.000177±0.000059 [4.5±1.5µ] electroless nickel per IPC-4552 over 0.0010 [25µ] min. copper ø0.043±0.002 [ø1.09±0.05] 20 OMEGA ø0.047±0.001 [ø1.19±0.025] ø0.043±0.002 [ø1.09±0.05] 16 BI-SPRING ø0.069±0.001 [ø1.750±0.025] ø0.0630+0.0035-0.0024 [ø1.600+0.090-0.060] 8 BI-SPRING ø0.125±0.001 [ø3.180±0.025] ø0.119±0.002 [ø3.02±0.05] “Bi-Spring” Termination utilized on signal contacts “Omega” Termination utilized on signal contacts When properly used, Positronic Industries Bi-Spring Power or Omega Signal Press-Fit terminations provide reliable service even under severe conditions. Connectors utilizing this leading technology press-fit contact are easy to install: 1. Inexpensive installation tooling is available from Positronic, to choose the proper installation tool refer to page 86 for part number ordering information. 2. Insert the connector into the P.C. board or backplane and seat connector fully. 3. Secure the connector to the P.C. board or backplane using two self-tapping screws. The screws should be 4-40 threads supplied by customer. COMPLIANT PRESS-FIT USER INFORMATION COMPLIANT PRESS-FIT TERMINATION CONTACT HOLE 85 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. APPLICATION TOOLS Combo-D D-Sub Positronic connectpositronic.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |