Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

184 Datasheet(PDF) 8 Page - Abbatron All Rights Reserved

Part # 184
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

184 Datasheet(HTML) 8 Page - Abbatron All Rights Reserved

Back Button 184 Datasheet HTML 4Page - Abbatron All Rights Reserved 184 Datasheet HTML 5Page - Abbatron All Rights Reserved 184 Datasheet HTML 6Page - Abbatron All Rights Reserved 184 Datasheet HTML 7Page - Abbatron All Rights Reserved 184 Datasheet HTML 8Page - Abbatron All Rights Reserved 184 Datasheet HTML 9Page - Abbatron All Rights Reserved 184 Datasheet HTML 10Page - Abbatron All Rights Reserved 184 Datasheet HTML 11Page - Abbatron All Rights Reserved 184 Datasheet HTML 12Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Abbatron test leads are precision-made interconnect wire
devices for temporary attachment of wire leads between
equipment and circuitry. Each style of lead is meant for a
specific application and will provide the greatest degree of
safety and convenience when used properly.
Test Leads
Abbatron Test Leads
have been serving the electronics
industry for over fifty years. If you
have carried Abbatron leads for years
and are willing to share your stories,
we would love to hear from you -
in fact, we would like to send you
a new set for the next
fifty years.
All of the safety designed plugs have fully shrouded insulation
covering metal parts and are made to fit all popular safety input
schemes. At the probe end, all Abbatron Test Leads feature a
safety prod, which combines many safety features in an original
Abbatron design:
•
Prods are made of tough, flame-retardant ABS which
resists deformation and cracking under the most severe
service.
•
Finger-grip grooves and a generous guard washer prevent
accidental contact with live conductors.
•
Prod tip is removable.
•
The probe tip is unique in that it serves several
purposes:
• It is a precision .080” phone tip for
insertion in standard tip jacks (page 26 and 27.)
• It has a specially formed sharp tip for
insulation piercing.
• A special groove at the front lays over
solid wires without slipping.
• An 8-32 thread at the base allows
attachment of standard adapters (such as
alligator clips, please see page 9 for
more), which maintain the integrity of
insulation to the prod.
All Abbatron test leads are supplied as a
pair, one red and one black and in standard,
four-foot lead lengths.
6
7
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
HH Smith
A
B
C
D
E
F
FIG
Part #
Meter End
A
623P
Standard Banana Plug
B
603P
Standard Phone Tip Plug
C
615P
Standard Alligator Clip with Boot
D
9325P
Shrouded Safety Banana Plug
E
625P
Right-Angle Phone Tip
F
685P
Right-Angle Standard Banana Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com