Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

184 Datasheet(PDF) 14 Page - Abbatron All Rights Reserved

Part # 184
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

184 Datasheet(HTML) 14 Page - Abbatron All Rights Reserved

Back Button 184 Datasheet HTML 10Page - Abbatron All Rights Reserved 184 Datasheet HTML 11Page - Abbatron All Rights Reserved 184 Datasheet HTML 12Page - Abbatron All Rights Reserved 184 Datasheet HTML 13Page - Abbatron All Rights Reserved 184 Datasheet HTML 14Page - Abbatron All Rights Reserved 184 Datasheet HTML 15Page - Abbatron All Rights Reserved 184 Datasheet HTML 16Page - Abbatron All Rights Reserved 184 Datasheet HTML 17Page - Abbatron All Rights Reserved 184 Datasheet HTML 18Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Binding Post Information
12
A binding post is a versatile connector that allows a temporary
or semi-permanent connection between electronic devices
or circuits.
Construction Features:
The contact surface clamp washer, against which the wire
or lug is clamped by the head, is an integral part of the stud
and not a force-fitted separate washer. This avoids possible
electrolytic corrosion across the mating faces due to current
through the interface and subsequent increase in noise,
galvanic EMF and resistance. The cross-hole is drilled at
right angles to a key-flat on the clamp washer in the screw
machine, assuring absolute angular alignment of the finished
post to the keyed flat in the instrument panel. Press-on base
washers can have as much as five or ten degrees of angular
misalignment.
The behind-panel backup insulating washer is made of solid
plastic, which reduces cost and increases insulation from
flashover voltage of the post.
Aflat metal washer is provided as a bearing surface for the nut
against the backup washer. This washer can be used without
the insulating backup washer, if it is desired, to ground the
post to the panel.
All posts are shipped individually and unassembled in a
sealed bag. This maintains the integrity of the part set, and
also does away with the need to disassemble the post before
assembling it on the panel.
Connection Options:
1. Top insertion of banana plug.
2. Alligator clip inserted through top jack hole.
3. Spade lug positioned over stud and fastened by tightening
the head.
4. Wire inserted through cross hole and held by head.
5. Standard .080" phone tip can be inserted in cross hole
and held by head.
6. Wire wrapped around stud and fastened by tightening head.
Finishes:
MIL-Spec and certain other posts are supplied in gold plate in ac-
cordance with the requirements of the specifications. In all instances
where gold is plated on brass, a barrier of Nickel is provided to prevent
migration.
Excellent appearance and solderability are also provided by pure tin
plating on alternative versions of these posts, with lower cost. This
is a bright, acid tin, 99% pure, and NOT a solder plating.
Where solderability of the post is not a requirement, bright nickel
plating is provided for maximum corrosion protection.
Plastic parts are provided with a low-luster, semi-matte finish
for a modern appearance on contemporary instruments.
Material Specifications:
All binding posts are machined from solid brass.
Mounting nuts and washers are also brass.
•
Brass: Free-matching leaded brass, per
QQ-B-626, Comp. 360, 1/2 hard.
•
Gold:
Gold plated, per MIL-G-45201, 5
micro-inch over 50 micro-inch hard
nickel strike.
•
Nickel: Nickel plate, per QQ-N-290, 200
micro-inch.
•
Tin:
Tin plate, per MIL-T-10727, 200
micro-inch Bright Acid Tin.
TABLE A
BINDING POST RATINGS
All current ratings are 60 Hz RMS and are for 10oC temperature
rise over ambient, long term. Voltage ratings are 60 Hz at sea
level. Capacitance is to a 1/8” aluminum panel, component
mounted as recommended. All ratings are working and do not
represent maximum values.
STUD SIZE
CURRENT
VOLTAGE
CAPACITANCE
#4
5 AMPS
1 KV
2.5 pF
#6
15 AMPS
1 KV
3 pF
#8
15 AMPS
1 KV
4.5 pF
#10
30 AMPS
2 KV
5 pF
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com