Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272M Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 75Page - STMicroelectronics ST10F272M Datasheet HTML 76Page - STMicroelectronics ST10F272M Datasheet HTML 77Page - STMicroelectronics ST10F272M Datasheet HTML 78Page - STMicroelectronics ST10F272M Datasheet HTML 79Page - STMicroelectronics ST10F272M Datasheet HTML 80Page - STMicroelectronics ST10F272M Datasheet HTML 81Page - STMicroelectronics ST10F272M Datasheet HTML 82Page - STMicroelectronics ST10F272M Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 175 page
background image
ST10F272M
System reset
79/176
the on-chip voltage regulator functionality 10nF is sufficient:
In any case, a maximum of 100nF on V18 pin should not
generate problems of over-current (higher value is allowed if
current is limited by the external hardware). External current
limitation is nevertheless also recommended to avoid risks of
damage in case of a temporary short between V18 and
ground: The internal 1.8V drivers are sized to drive currents
of several tens of Amps, so the current must be limited by the
external hardware.
The limit of current is imposed by power dissipation
considerations (refer to Section 24: Electrical
characteristics).
In the next Figures 17 and 18 Asynchronous Power-on timing diagrams are shown,
respectively with boot from internal or external memory, highlighting the reset phase
extension introduced by the embedded Flash module when selected.
Caution:
Never power the device without keeping the RSTIN pin grounded: The device could enter
into unpredictable states, risking also permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com