Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272M Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 31Page - STMicroelectronics ST10F272M Datasheet HTML 32Page - STMicroelectronics ST10F272M Datasheet HTML 33Page - STMicroelectronics ST10F272M Datasheet HTML 34Page - STMicroelectronics ST10F272M Datasheet HTML 35Page - STMicroelectronics ST10F272M Datasheet HTML 36Page - STMicroelectronics ST10F272M Datasheet HTML 37Page - STMicroelectronics ST10F272M Datasheet HTML 38Page - STMicroelectronics ST10F272M Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 175 page
background image
ST10F272M
Internal Flash memory
35/176
5.5
Protection strategy
The protection bits are stored in Non-Volatile Flash cells inside IFlash module, that are read
once at reset and stored in four Volatile registers. Before they are read from the Non-
Volatile cells, all the available protections are forced active during reset.
The protections can be programmed using the Set Protection operation (see Flash Control
Registers paragraph), that can be executed from all the internal or external memories
except from the Flash itself.
Two kind of protections are available: write protections to avoid unwanted writings and
access protections to avoid piracy. In next paragraphs all different level of protections are
shown, and architecture limitations are highlighted as well.
5.5.1
Protection registers
The four Non-Volatile Protection Registers are one time programmable for the user.
One register (FNVWPIR) is used to store the Write Protection fuses respectively for each
sector IFlash module. The other three Registers (FNVAPR0 and FNVAPR1L/H) are used to
store the Access Protection fuses.
5.5.2
Flash non-volatile write protection I register (FNVWPIR)
6
SEQER
Sequence Error
This bit is automatically set when the control registers (FCR1H/L-FCR0H/L,
FARH/L, FDR1H/L-FDR0H/L) are not correctly filled to execute a valid Write
Operation. In this case no Write Operation is executed. This bit has to be software
reset.
7
RESER
Resume Error
This bit is automatically set when a suspended Program or Erase operation is not
resumed correctly due to a protocol error. In this case the suspended operation is
aborted. This bit has to be software reset.
8WPF
Write Protection Flag
This bit is automatically set when trying to program or erase in a sector write
protected. In case of multiple Sector Erase, the not protected sectors are erased,
while the protected sectors are not erased and bit WPF is set. This bit has to be
software reset.
Table 18.
Flash error register (continued)
Bit
Name
Function
FNVWPIR (0x08 DFB0)
NVR
Reset value: FFFFh
15
14
13
12
11
10
987
65432
10
Reserved
W0P7W0P6W0P5W0P4W0P3W0P2W0P1W0P0
-
RWRWRWRWRWRW
RWRW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com