Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272M Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F272M Datasheet HTML 1Page - STMicroelectronics ST10F272M Datasheet HTML 2Page - STMicroelectronics ST10F272M Datasheet HTML 3Page - STMicroelectronics ST10F272M Datasheet HTML 4Page - STMicroelectronics ST10F272M Datasheet HTML 5Page - STMicroelectronics ST10F272M Datasheet HTML 6Page - STMicroelectronics ST10F272M Datasheet HTML 7Page - STMicroelectronics ST10F272M Datasheet HTML 8Page - STMicroelectronics ST10F272M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 175 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
May 2007
Rev 1
1/176
1
ST10F272M
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
Features
16-bit CPU with DSP functions
– 50ns instruction cycle time at 40 MHz max
CPU clock
– Multiply/accumulate unit (MAC) 16 x 16-bit
multiplication, 40-bit accumulator
– Enhanced boolean bit manipulations
– Single-cycle context switching support
On-chip memories
– 256 Kbyte Flash memory (32-bit fetch)
– Single voltage Flash memories with
erase/program controller and 100K
erasing/programming cycles.
– Up to 16 Mbyte linear address space for
code and data (5 Mbytes with CAN or I2C)
– 2 Kbyte internal RAM (IRAM)
– 18 Kbyte extension RAM (XRAM)
– Programmable external bus configuration &
characteristics for different address ranges
– 5 programmable chip-select signals
– Hold-acknowledge bus arbitration support
Interrupt
– 8-channel peripheral event controller for
single cycle interrupt driven data transfer
– 16-priority-level interrupt system with 56
sources, sampling rate down to 25ns
Timers
– 2 multi-functional general purpose timer
units with 5 timers
Two 16-channel capture / compare units
Serial channels
– 2 synch. / asynch. serial channels
– 2 high-speed synchronous channels
–One I2C standard interface
24-channel A/D converter
– 16-channel 10-bit, accuracy +/-2LSB
– 8-channel 10-bit, accuracy +/-5LSB
– 4.85 µs minimum conversion time
4-channel PWM unit + 4-channel XPWM
2 CAN 2.0B interfaces operating on 1 or 2 CAN
busses (64 or 2x32 message, C-CAN version)
Fail-safe protection
– Programmable watchdog timer
– Oscillator watchdog
On-chip bootstrap loader
Clock generation
– On-chip PLL with 4 to 8 MHz oscillator
– Direct or prescaled clock input
Real time clock and 32 kHz on-chip oscillator
Up to 111 general purpose I/O lines
– Individually programmable as input, output
or special function
– Programmable threshold (hysteresis)
Idle, power-down and stand-by modes
Single voltage supply: 5V ±10% (embedded
regulator for 1.8V core supply)
Temperature range: -40 to +125°C
PQFP144 (28 x 28 x 3.4mm)
(Plastic Quad Flat Package)
LQFP144 (20 x 20 x 1.4mm)
(Low Profile Quad Flat Package)
www.st.com


Similar Part No. - ST10F272M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
15-May-2012
More results

Similar Description - ST10F272M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
29-Jun-2006
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272B STMICROELECTRONICS-ST10F272B Datasheet
1Mb / 181P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
20-Jul-2006
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
18-Jan-2008
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F272B STMICROELECTRONICS-ST10F272B_12 Datasheet
1Mb / 188P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
12-Dec-2008
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
15-May-2012
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com