Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6740LTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 1 Page - STMicroelectronics

  L6740LTR Datasheet HTML 1Page - STMicroelectronics L6740LTR Datasheet HTML 2Page - STMicroelectronics L6740LTR Datasheet HTML 3Page - STMicroelectronics L6740LTR Datasheet HTML 4Page - STMicroelectronics L6740LTR Datasheet HTML 5Page - STMicroelectronics L6740LTR Datasheet HTML 6Page - STMicroelectronics L6740LTR Datasheet HTML 7Page - STMicroelectronics L6740LTR Datasheet HTML 8Page - STMicroelectronics L6740LTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
August 2007
Rev 2
1/44
1
L6740L
Hybrid controller (4+1) for AMD SVID and PVID processors
Features
■ Hybrid controller: compatible with PVI and SVI
CPUs
■ Dual controller: 2 to 4 scalable phases for CPU
CORE, 1 Phase for NB
■ Dual-Edge asynchronous architecture with
LTB technologyTM
■ PSI management to increase efficiency in
Light-Load conditions
■ Dual Over-Current protection:
Average and per-Phase
■ Load indicator (CORE section)
■ Voltage positioning
■ Dual remote sense
■ Adjustable independent reference offset
■ Feedback disconnection protection
■ Programmable OV protection
■ Oscillator internally fixed at 150kHz externally
adjustable
■ LSLess startup to manage Pre-biased output
■ Flexible driver support
■ HTQFP48 package
Applications
■ Hybrid High-Current VRM / VRD for Desktop /
Server / Workstation / IPC CPUs supporting
PVI and SVI interface
■ High-density DC / DC converters
Description
L6740L is a hybrid CPU Power Supply Controller
compatible with both Parallel (PVI) and Serial
(SVI) protocols for AMD Processors.
The device embeds two independent control
loops for the CPU core and the integrated NB,
each one with its own set of protections. L6740L
is able to work in Single-Plane mode, addressing
only the CORE Section, according to the parallel
DAC codification. When in Dual-Plane mode, it is
compatible with the AMD SVI specification
addressing the CPU and NB voltages according
to the SVI bus commands.
The Dual-Edge Asynchronous Architecture is
optimized by LTB technologyTM allowing fast load-
transient response minimizing the output capaci-
tor and reducing the total BOM cost.
PSI management allows the device to selectively
turn-off phases when the CPU is in low-power
states increasing the over-all efficiency.
Fast protection against load over current is pro-
vided for both the Sections. Furthermore, feed-
back disconnection protection prevents from
damaging the load in case of misconnections in
the system board..
HTQFP48
Table 1.
Device summary
Order codes
Package
Packaging
L6740L
HTQFP48
Tube
L6740LTR
HTQFP48
Tape and reel
www.st.com


Similar Part No. - L6740LTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
High current MOSFET driver
20-Aug-2007
L6741TR STMICROELECTRONICS-L6741TR Datasheet
301Kb / 16P
High current MOSFET driver
20-Aug-2007
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6743 STMICROELECTRONICS-L6743 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
More results

Similar Description - L6740LTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6324A INTERSIL-ISL6324A Datasheet
870Kb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
April 29, 2010
logo
International Rectifier
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
XPHASE3TM AMD SVID CONTROL IC
logo
Intersil Corporation
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
April 29, 2010
logo
International Rectifier
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323A RENESAS-ISL6323A Datasheet
1Mb / 37P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com