Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6740LTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 18Page - STMicroelectronics L6740LTR Datasheet HTML 19Page - STMicroelectronics L6740LTR Datasheet HTML 20Page - STMicroelectronics L6740LTR Datasheet HTML 21Page - STMicroelectronics L6740LTR Datasheet HTML 22Page - STMicroelectronics L6740LTR Datasheet HTML 23Page - STMicroelectronics L6740LTR Datasheet HTML 24Page - STMicroelectronics L6740LTR Datasheet HTML 25Page - STMicroelectronics L6740LTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Hybrid CPU support and CPU_TYPE detection
L6740L
22/44
Table 10.
PSI strategy
Figure 8.
System efficiency enhancement by PSI
5.4.4
HiZ management
L6740L is able to manage HiZ through both the PWMx and driver enable signals. When the
controller wants to set in high impedance the output of one Section, it set the relative PWM
floating and, at the same time, pulls-low the related ENDRV.
5.4.5
Hardware jumper override - V_FIX
Anytime the pin OVP/V_FIX is driven low, the controller enters V_FIX mode.
When in V_FIX mode, both NB and CORE Section voltages are governed by the information
shown in Table 7. Regardless of the state of PWROK, the device will work in SVI mode. SVC
and SVD are considered as static VID and the output voltage will change according to their
status. Dynamic SVC/SVD-change management is provided in this condition.
V_FIX mode is intended for system debug only.
Protection management differs in this case, see Section 7.1 for details.
PSI_L
PSI strategy
GND
No Strategy.
PSI_L still reproduces the status of the PSI Flag
Pull-Up to <3V
Phase number is cut by 1 while PSI_L is asserted.
Pull-Up to 3.3V
Phase number is cut by 2 while PSI_L is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com