Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6740LTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 19Page - STMicroelectronics L6740LTR Datasheet HTML 20Page - STMicroelectronics L6740LTR Datasheet HTML 21Page - STMicroelectronics L6740LTR Datasheet HTML 22Page - STMicroelectronics L6740LTR Datasheet HTML 23Page - STMicroelectronics L6740LTR Datasheet HTML 24Page - STMicroelectronics L6740LTR Datasheet HTML 25Page - STMicroelectronics L6740LTR Datasheet HTML 26Page - STMicroelectronics L6740LTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
L6740L
Output voltage positioning
23/44
6
Output voltage positioning
Output voltage positioning is performed by selecting the controller operative-mode (SVI, PVI
and V_FIX) and by programming the Droop Function and Offset to the reference of both the
sections (See Figure 9). The controller reads the current delivered by each Section by
monitoring the voltage drop across the Low-Side MOSFET for NB Section or DCR Inductors
for CORE Section. The current (IDROOP / IDROOP_NB) sourced from the DROOP /
NB_DROOP pin, directly proportional to the read current, causes the related section output
voltage to vary according to the external RFB / RFB_NB resistor so implementing the desired
load-line effect. The current (IOS / IOS_NB) programmed through the OS / NB_OS pins is
sunk from the FB / NB_FB pins causing the output voltage to be offset according to the
resistance RFB / RFB_NB connected.
L6740L embeds a dual Remote-Sense Buffer to sense remotely the regulated voltage of
each Section without any additional external components. In this way, the output voltage
programmed is regulated compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Both DROOP and OFFSET function can be disabled: see Section 6.3 and Section 6.4 for
details about CORE Section and Section 6.6 and Section 6.7 for details about NB Section.
In case DROOP effect is not desired, the current information sourced from the DROOP pin
may be used to implement a Load Indicator as reported in Section 6.3 and Section 6.6.
Figure 9.
Voltage positioning
1.2V
ROS
OS
CORE_REFERENCE
FB
COMP
VSEN
FBG
RF
CF
RFB
To VDD_CORE
(Remote Sense)
DROOP
CORE Protection
Monitor
from DAC...
1.2V
ROS_NB
NB_OS
NB_REFERENCE
NB_FB
NB_COMP
NB_VSEN
NB_FBG
RF_NB
CF_NB
RFB_NB
To VDD_NB
(Remote Sense)
NB_DROOP
NB Protection
Monitor
from DAC...
RFB_COMP
RFB_COMP_NB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com