Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP384 Datasheet(PDF) 57 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 57 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 56Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 57Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 58Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
57 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
10. Document history and modification
Rev. No Section Description of modification/changes
Date
0.1
Document Creation
18.06.2019
0.2
5.4.1
Updated interface parameters
26.06.2019
7.3.1
Updated part number
8
New disclaimer
0.3
7.1
Update outline dimensions
26.06.2019
1
New part number
0.4
1
New TCO and accuracy values
18.10.2019
0.5
1
New performance values
09.12.2019
0.6
3.9.1
Updated table 21
10.03.2020
7.5.2
Orientation of BMP384 within the reel updated
7.3
Marking details updated
6.1
Added I2C info
0.7
7.4
Updated soldering standard
0.7
7.7.1
Updated RoHS standard
0.8
7.5.2
Correction orientation of parts within reel pocket
11.08.2020
0.9
7.5.1
Correction of T&R pocket Z dimension: “Ko” increased
11.09.2020
7.1
Outline dimension of fingerprint tolerance updated from 0.05 to 0.1mm 11.09.2020
Key features updated
23.09.2020
1
Specifications updated
23.09.2020
0.91
3.2
Adding ramp-up conditions in table 4
05.11.2020
1.0
8
New Legal disclaimer
16.11.2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com