Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP384 Datasheet(PDF) 40 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 40 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 44Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
40 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
The I²C interface uses the following pins:
•
SCK: serial clock (SCL)
•
SDI:
data (SDA)
•
SDO: Slave address LSB (GND = ‘0’, VDDIO = ‘1’)
The CSB is not used and is left open. SDI is bi-directional with open drain to VSS: it must be externally connected to VDDIO
via a pull up resistor. Refer to chapter 6 for connection instructions.
The following abbreviations will be used in the I²C protocol figures:
•
S
Start
•
P
Stop
•
ACKS
Acknowledge by slave
•
ACKM
Acknowledge by master
•
NACKM
Not acknowledge by master
5.2.1. I²C write
Writing is done by sending the slave address in write mode (RW = ‘0’), resulting in slave address 111011X0 (‘X’ is determined
by state of SDO pin. Then the master sends pairs of register addresses and register data. The transaction is ended by a stop
condition. This is depicted in Figure 15.
Figure 15: I²C write
5.2.2. I²C read
To be able to read registers, first the register address must be sent in write mode (slave address 111011X0). Then either a
stop or a repeated start condition must be generated. After this the slave is addressed in read mode (RW = ‘1’) at address
111011X1, after which the slave sends out data from auto-incremented register addresses until a NOACKM and stop
condition occurs. This is depicted in Figure 16, where two bytes are read from register 0xF6 and 0xF7.
Figure 16: I²C multiple byte read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com