Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP384 Datasheet(PDF) 30 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 30 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 34Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
30 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
0x0D
SENSO
RTIME_
1
0x00
sensor_time_15_8
0x0C
SENSO
RTIME_
0
0x00
sensor_time_7_0
0x0B
-
-
reserved
0x0A
-
-
reserved
0x09
DATA_5
0x80
temp_23_16
0x08
DATA_4
0x00
temp_15_8
0x07
DATA_3
0x00
temp_7_0
0x06
DATA_2
0x80
press_23_16
0x05
DATA_1
0x00
press_15_8
0x04
DATA_0
0x00
press_7_0
0x03
STATUS
0x00
reserve
d
drdy_te
mp
drdy_pr
ess
cmd_rd
y
reserved
0x02
ERR_R
EG
0x00
reserved
conf_err
cmd_err
fatal_err
0x01
-
-
reserved
0x00
CHIP_I
D
0x50
chip_id_fixed
chip_id_nvm
4.3.
Register description
4.3.1. Register 0x00 “CHIP_ID”
The “CHIP_ID” register contains the chip identification code.
Table 25: Register 0x00 “CHIP_ID”
Name
Description
Bit 7..0
Chip id.
4.3.2. Register 0x02 “ERR_REG”
Sensor Error conditions are reported in the “ERR_REG” register.
Table 26: Register 0x02 “ERR_REG”
Name
Description
Bit 0
fatal_err
Fatal error
Bit 1
cmd_err
Command execution failed. Cleared on read.
Bit 2
conf_err
sensor configuration error detected. Cleared on read.
4.3.3. Register 0x03 “STATUS”
The Sensor Status Flags are stored in the “STATUS” register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com