Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88180 Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 7Page - ASIX Electronics Corporation AX88180 Datasheet HTML 8Page - ASIX Electronics Corporation AX88180 Datasheet HTML 9Page - ASIX Electronics Corporation AX88180 Datasheet HTML 10Page - ASIX Electronics Corporation AX88180 Datasheet HTML 11Page - ASIX Electronics Corporation AX88180 Datasheet HTML 12Page - ASIX Electronics Corporation AX88180 Datasheet HTML 13Page - ASIX Electronics Corporation AX88180 Datasheet HTML 14Page - ASIX Electronics Corporation AX88180 Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
AX88180
11
ASIX ELECTRONICS CORPORATION
2.6 Miscellaneous
Table 5 : Miscellaneous signals group
Pin Name
Type
Pin No. Pin Description
GPIO0
IO3,
12mA,
PD
55
General Purpose pin. In reset stage this pin defines chip operates in 16 or 32-bit mode.
Pull-down is for 32-bit mode and pull-up (by 4.7K) is for 16-bit mode. If this pin is
floating, it will be as default for 32-bit mode.
GPIO1
IO3,
12mA,
PD
54
General Purpose pin. In reset stage this pin defines chip operates in little-endian or
big-endian mode. Pull-down is little-endian mode and pull-up is big-endian mode. If
this pin is floating, it will as default for little-endian mode.
TEST0
I3, PD
52
Connect to ground for normal operation.
TEST1
I3, PD
53
Connect to ground for normal operation.
TEST2
I25
83
Connect to ground for normal operation.
TEST3
I25
84
Connect to ground for normal operation.
TEST4
I25
88
Pull-down for normal operation
TEST5
I25
90
Connect to ground for normal operation.
TEST6
I25
97
Pull-up (with 4.7K) for normal operation
NC
O
91,93,94 No connection
2.7 Power/ground pin
Table 6 : Power/Ground pins group
Pin Name
Type
Pin No.
Pin Description
VCC33
VCC3
1,13,40, 105, 119
3.3V power pins
VCC25
VCC2
4,20,27,35,57,60,64,72,78,81,85,89,96,98,100,107,
117,123
2.5V power pins
GND
GND
8,56,73,82,86,87,92,95,99,101,106
Ground pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com