Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88180 Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 16Page - ASIX Electronics Corporation AX88180 Datasheet HTML 17Page - ASIX Electronics Corporation AX88180 Datasheet HTML 18Page - ASIX Electronics Corporation AX88180 Datasheet HTML 19Page - ASIX Electronics Corporation AX88180 Datasheet HTML 20Page - ASIX Electronics Corporation AX88180 Datasheet HTML 21Page - ASIX Electronics Corporation AX88180 Datasheet HTML 22Page - ASIX Electronics Corporation AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
AX88180
20
ASIX ELECTRONICS CORPORATION
4.9 TXDES2--TX Descriptor2 Register
Offset Address = 0xFC28
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD2_EN
R/W
0
Transmit TX descriptor 2
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, driver had already written data that is assigned to TX
descriptor2 to TX buffer. This bit will be cleared by hardware when MAC
finished the transmission.
1= enable
0= disable
14:13
-
R
00
Reserved
12:0
TXD2_LEN
R/W
All 0’s
TX packet length (unit: byte)
Driver set this field to indicate AX88180 how many bytes will be
transmitted.
4.10 TXDES3--TX Descriptor3 Register
Offset Address = 0xFC2C
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD3_EN
R/W
0
Transmit TX descriptor 3
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, driver had already written data that is assigned to TX
descriptor3 to TX buffer. This bit will be cleared by hardware when MAC
finished the transmission.
1= enable
0= disable
14:13
-
R
00
Reserved
12:0
TXD3_LEN
R/W
All 0’s
TX Packet Length (unit: byte)
Driver set this field to indicate AX88180 how many bytes will be
transmitted.
4.11 RX_CFG--RX Configuration Register
Offset Address = 0xFC30
Default = 0x0000_0101
Field
Name
Type
Default
Description
31:9
-
R
All 0’s
Reserved
8
RXBME
R/W
1
RX Buffer Monitor Enable
When this bit is enabled, MAC will monitor the status of receive buffer.
1 = enable
0 = disable
7:5
-
R/W
000
Reserved.
4
RXCHKSUM
R/W
0
RX Packet TCP/IP Checksum
When this bit is set, AX88180 will check the checksum of the received
packet that is IP, TCP or UDP packet. If there is checksum error, AX88180
will drop the packet and RXCHKSUMCNT counter will add 1.
1 = enable
0 = disable
3:1
-
R/W
000
Reserved
0
RXBUFPRO
R/W
1
RX Buffer Protection
When this bit is enabled, MAC will protect the RX buffer to avoid overrun.
For normal operation, this bit should be enabled in initial stage.
1= enable
0= disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com