Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88180 Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation AX88180 Datasheet HTML 27Page - ASIX Electronics Corporation AX88180 Datasheet HTML 28Page - ASIX Electronics Corporation AX88180 Datasheet HTML 29Page - ASIX Electronics Corporation AX88180 Datasheet HTML 30Page - ASIX Electronics Corporation AX88180 Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
AX88180
27
ASIX ELECTRONICS CORPORATION
4.31 RXINDICATOR--Receive Indicator Register
Offset Address= 0xFC90
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:1
-
R
All 0’s
Reserved
0
RXSTART R/W
0
Receive Start
Driver sets this bit to start or end receive operation from RX buffer of AX88180.
1= Start read RX buffer
0= End read RX buffer
4.32 TXST--TX Status Register
Offset Address = 0xFC94
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:4
-
R
All 0’s
Reserved
3
TXD3FAIL R
0
TX Descriptor3 Transmit Fail
When this bit is set 1, it means AX88180 fails in transmission of descriptor3.
This bit will be self-cleared when driver reads TXST register.
2
TXD2FAIL R
0
TX Descriptor2 Transmit Fail
When this bit is set 1, it means A88180 fails in transmission of descriptor2.
This bit will be self-cleared when driver reads TXST register.
1
TXD1FAIL R
0
TX Descriptor1 Transmit Fail
When this bit is set 1, it means AX88180 fails in transmission of descriptor1.
This bit will be self-cleared when driver reads TXST register.
0
TXD0FAIL R
0
TX Descriptor0 Transmit Fail
When this bit is set 1, it means AX88180 fails in transmission of descriptor0.
This bit will be self-cleared when driver reads TXST register.
4.33 MDCLKPAT--MDC Clock Pattern Register
Offset Address = 0xFCA0
Default = 0x0000_8040
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:8
-
R/W
0x80
Reserved, must set to 0x80 for normal operation
7:0
MDCPAT R/W
0x40
MDC Clock Divide Factor
This field defines the divided factor of host clock. AX88180 will refer to this
field and generate a low speed clock to PHY.
4.34 RXCHKSUMCNT--RX IP/UDP/TCP Checksum Error Counter
Offset Address = 0xFCA4
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s Reserved
15:0
RXCHKERCNT R/W
All 0’s RX Checksum Error Counter
If the RXCHKSUM field of RX_CFG register is set to ‘1’, MAC will check the
checksum of IP, TCP or UDP packet. Whenever there is checksum error
detected, this field will be added one. The value will be rounded back to 0x0000
if it exceeds 0xFFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com