Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE PROGRAMMABLE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc. LP35 Datasheet HTML 12Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.sensata.com
Page 8
Copyright © 2019 Sensata Technologies, Inc.
Connection Incremental
Connection Absolute SSI
Termination
Connection
Ordering Code
Description
-
+
A
B
Z
A/
B/
Z/
Case
Ground
M12
M12
EUR M12 - 8 pins
1
2
3
4
5
6
7
8
Connector Body
Standard Cable
SG
PVC Jacket
BLK
RED
YEL
BLU
ORN
WHT/
YEL
WHT/
BLU
WHT/
ORN
GRN
Terminal Box
T
Terminal box - 9 pins
1
2
3
4
5
6
7
8
9
TERMINATIONS
Changes possible without prior notice.
Other cable types available- Consult factory
TETHER OPTIONS FOR TERMINAL BOX OUTPUT
T5- M9445/059-01 Standard Fork + 56C Face Pin
56C Face radius
74.6
2,81
61
2,40
82
3,23
1/4"-20 with hex nuts
56C Face radius
74.6
2,81
61
2,40
82
3,23
85
3,35
Termination
Connection
Ordering Code
Description
-
+
Clk+
Clk-
Data+ Data- Reset
NC
Case
Ground
M12
M12
EUR M12 - 8 pins
1
2
3
4
5
6
7
N/A
Connector Body
Standard Cable
SG
PVC Jacket
BLK
RED
BLU
WHT/
BLU
YEL
WHT/
YEL
ORN
N/A
GRN
Terminal Box
T
Terminal box - 9 pins
1
2
3
4
5
6
7
8
9
T4- Standard Fork is provided for all blind or through hollow shaft versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com