Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 11 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE PROGRAMMABLE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 11 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc. LP35 Datasheet HTML 12Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Page 11
Incremental with Commutation Track Version
• Once the program has recognized a valid connection between the programming tool and the computer,
then the encoder and the programming tool, two green check marks will appear in the upper right hand
corner.
• Select the resolution – this is the number of cycles per turn that the encoder will generate. Also
sometimes referred to as counts or CPT.
• Next, choose the number of commutation pair poles from one to 16
• Phase advance determines whether the encoder sequence of the data channels: whether A leads B
Clockwise (CW) or Counterclockwise (CCW). This also affects the direction of the commutation cycles
as well.
• You have a choice of three different index track widths: 90° (1/4 cycle), 180° (1/2 cycle) or 360° (Full
Cycle)
• You can also choose the relationship between the index and the other data tracks.
Once you have the encoder set the way you want it, end the programming sequence by a click on the
Program button.
AGENCY APPROVALS & CERTIFICATIONS
UL International France S.A.
Espace Technologique, Bâtiment Explorer Route
de l’Orme F-91190 SAINT-AUBIN France
T:: +33 1 60 19 88 00
F:: +33 1 60 19 88 80
Proc. Cont. Eq.
E477663
GENERAL NOTES
(A) For detailed installation instructions and recommend screw torques refer to the User’s Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com