Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE PROGRAMMABLE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc. LP35 Datasheet HTML 12Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.sensata.com
Page 10
Copyright © 2019 Sensata Technologies, Inc.
HOW TO USE THE PROGRAMMABLE FEATURE
Incremental
Absolute
Overview of General Programming Procedure
• Once the program has recognized a valid connection between the programming tool and
the computer, then the encoder and the programming tool, two green check marks will appear
in the upper right hand corner.
• Select the resolution – this is the number of cycles per turn that the encoder will generate.
Also sometimes referred to as counts or CPT.
• Phase advance determines whether the encoder sequence of the data channels: whether A
leads B Clockwise (CW) or Counterclockwise (CCW).
• You have a choice of three different index track widths: 90° (1/4 cycle), 180° (1/2 cycle) or
360° (Full Cycle)
• You can also choose the relationship between the index and the other data tracks.
Once you have the encoder set the way you want it, end the programming sequence by a click
on the Program button.
• Download the software and drivers on BEI Sensors website http://
www.beisensors.com/programmable-encoders.html Choose the « LP
Series : Programmable Resolution Incremental and Absolute Encoders »
• Prior to using the software programming cable, the USB program-
ming tool must be installed on the PC. OS requirements: Windows XP
or higher.
• Administrator rights may be required for driver software installation.
Connect the terminal box, M12 connector or encoder wires from the encoder to the programming tool.
CAUTION
Double check wiring before inserting USB plug into PC.
Connect the programming tool to a PC.
Launch LP series PC programming tool software.
The software detects the encoder type and then gives access to the relevant encoder parameters
Change the encoder parameters as needed
End the programming sequence by clicking on the Program button.
Disconnect the encoder
• Once the program has recognized a valid connection between the programming tool and
the computer, then the encoder and the programming tool, two green check marks will appear
in the upper right hand corner.
• Select the resolution – this is the number of counts per turn, expressed as Bits, that the
encoder will generate. For example 10 = 10 Bits = 1024 counts, 12 = 12 Bits = 4096 counts
• Evolution code determines whether the encoder will increase or decrease counts when
turned in the clockwise CW direction
• You will also have a choice of whether to count in Natural Binary or Gray Code. For most
common applications Gray Code is preferred as it is more immune to noise and propagation
delays.
• You also have an opportunity to set the “zero” or starting point at the current location of
the encoder by clicking the RESET button.
• Once you have the encoder set the way you want it, end the programming sequence by a
click on the Program button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com