Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1762ACPZ-1.0-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1762ACPZ-1.0-R7
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1762ACPZ-1.0-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1762ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
ADP1762
Rev. D | Page 5 of 19
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN to GND
−0.3 V to +2.16 V
EN to GND
−0.3 V to +3.96 V
VOUT to GND
−0.3 V to VIN
SENSE to GND
−0.3 V to VIN
VREG to GND
−0.3 V to VIN
REFCAP to GND
−0.3 V to VIN
VADJ to GND
−0.3 V to VIN
SS to GND
−0.3 V to VIN
PG to GND
−0.3 V to +3.96 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Operating Junction Temperature
125°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADP1762 can be damaged when the junction
temperature limits are exceeded. The use of appropriate thermal
management techniques is recommended to ensure that the
maximum junction temperature does not exceed the limits shown
in Table 4.
Use the following equation to calculate the junction temperature
(TJ) from the board temperature (TBOARD) or package top
temperature (TTOP)
TJ = TBOARD + (PD × ΨJB)
TJ = TTOP + (PD × ΨJT)
ΨJB is the junction to board thermal characterization parameter
and ΨJT is the junction to top thermal characterization
parameter with units of °C/W.
ΨJB of the package is based on modeling and calculation using a
4-layer board. JESD51-12, Guidelines for Reporting and Using
Electronic Package Thermal Information, states that thermal
characterization parameters are not the same as thermal
resistances. ΨJB measures the component power flowing
through multiple thermal paths rather than a single path as in
thermal resistance, θJB. Therefore, ΨJB thermal paths include
convection from the top of the package as well as radiation
from the package, factors that make ΨJB more useful in real-
world applications.
THERMAL RESISTANCE/PARAMETER
Values shown in Table 5 are calculated in compliance with JEDEC
standards for thermal reporting. θJA is the natural convection
junction to ambient thermal resistance measured in a one cubic
foot sealed enclosure. θJC is the junction to case thermal resistance.
θJB is the junction to board thermal resistance. ΨJB is the junction to
board thermal characterization parameter. ΨJT is the junction to
top thermal characterization parameter.
In applications where high maximum power dissipation exists,
close attention to thermal board design is required. Thermal
resistance/parameter values may vary, depending on the PCB
material, layout, and environmental conditions.
Table 5. Thermal Resistance/Parameter
Package
Type
θJA
θJB
θJC-T
θJC-B
ΨJB
ΨJT
Unit
CP-16-221
50.95
29.31
49.53
8.53
29.31
0.3
°C/W
1 Thermal resistance/parameter simulated values are based on a JEDEC 2S2P
thermal test board for ΨJT, ΨJB, θJA and θJB and a JEDEC 1S0P thermal test
board for θJC with four thermal vias. See JEDEC JESD51-12.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com