Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1762ACPZ-1.0-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1762ACPZ-1.0-R7
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1762ACPZ-1.0-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1762ACPZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ADP1762
Data Sheet
Rev. D | Page 18 of 19
OUTLINE DIMENSIONS
1
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.20 REF
0.20 MIN
SIDE VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1.75
1.60 SQ
1.45
3.10
3.00 SQ
2.90
0.50
0.40
0.30
0.05 MAX
0.02 NOM
COPLANARITY
0.08
0.30
0.23
0.18
0.80
0.75
0.70
SEATING
PLANE
EXPOSED
PAD
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
PIN 1
INDICATOR
AREA
0.50
BSC
COMPLIANT
TO JEDEC STANDARDS MO-220-WEED-6
Figure 47. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-22)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature
Range
Output
Voltage (V)3
Package Description
Package
Option
Marking
Code
ADP1762ACPZ-R7
−40°C to +125°C
Adjustable
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRS
ADP1762ACPZ-0.9-R7
−40°C to +125°C
0.9
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRT
ADP1762ACPZ0.95-R7
−40°C to +125°C
0.95
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LUP
ADP1762ACPZ-1.0-R7
−40°C to +125°C
1.0
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRU
ADP1762ACPZ-1.1-R7
−40°C to +125°C
1.1
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRV
ADP1762ACPZ-1.2-R7
−40°C to +125°C
1.2
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRW
ADP1762ACPZ1.25-R7
−40°C to +125°C
1.25
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRZ
ADP1762ACPZ-1.3-R7
−40°C to +125°C
1.3
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRX
ADP1762ACPZ-1.5-R7
−40°C to +125°C
1.5
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LRY
ADP1762WACPZ-R7
−40°C to +125°C
Adjustable
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVH
ADP1762WACPZ-0.9-R7
−40°C to +125°C
0.9
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LV9
ADP1762WACPZ0.95-R7
−40°C to +125°C
0.95
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVJ
ADP1762WACPZ-1.0-R7
−40°C to +125°C
1.0
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVA
ADP1762WACPZ-1.1-R7
−40°C to +125°C
1.1
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVB
ADP1762WACPZ-1.2-R7
−40°C to +125°C
1.2
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVD
ADP1762WACPZ1.25-R7
−40°C to +125°C
1.25
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVE
ADP1762WACPZ-1.3-R7
−40°C to +125°C
1.3
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVF
ADP1762WACPZ-1.5-R7
−40°C to +125°C
1.5
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-22
LVG
ADP1762-1.3-EVALZ
1.3
Evaluation Board
ADP1762-ADJ-EVALZ
1.1
Evaluation Board
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 For additional options, contact a local Analog Devices sales or distribution representative. Additional voltage output options available include the following: 0.5 V,
0.55 V, 0.6 V, 0.65 V, 0.7 V, 0.75 V, 0.8 V, 0.85 V, 1.05 V, 1.15 V, 1.35 V, 1.4 V, or 1.45 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com