Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1762ACPZ-1.0-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1762ACPZ-1.0-R7
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1762ACPZ-1.0-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1762ACPZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1762ACPZ-1.0-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ADP1762
Data Sheet
Rev. D | Page 14 of 19
Substituting these values in Equation 4 yields
CEFF = 10 μF × (1 − 0.15) × (1 − 0.1) = 7.65 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temperature
and tolerance at the chosen output voltage.
To guarantee the performance of the ADP1762, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP1762 has an internal undervoltage lockout circuit that
disables all inputs and the output when the input voltage is less
than approximately 1.06 V. The UVLO ensures that the ADP1762
inputs and the output behave in a predictable manner during
power-up.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP1762 is protected against damage due to excessive power
dissipation by current-limit and thermal overload protection
circuits. The ADP1762 is designed to reach the current limit
when the output load reaches 3 A (typical). When the output
load exceeds 3 A, the output voltage is reduced to maintain a
constant current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 150°C (typical). Under
extreme conditions (that is, high ambient temperature and power
dissipation) when the junction temperature begins to rise above
150°C, the output is turned off, reducing the output current to
zero. When the junction temperature drops below 135°C (typical),
the output is turned on again, and the output current is restored to
the nominal value.
Consider the case where a hard short from VOUT to ground
occurs. At first, the ADP1762 reaches the current limit so that
only 3 A is conducted into the short circuit. If self heating of the
junction becomes great enough to cause the temperature to rise
above 150°C, thermal shutdown activates, turning off the output
and reducing the output current to zero. As the junction
temperature cools and drops below 135°C, the output turns
on and conducts 3 A into the short circuit, again causing the
junction temperature to rise above 150°C. This thermal oscillation
between 135°C and 150°C causes a current oscillation between
3 A and 0 A that continues as long as the short circuit remains
at the output.
Current-limit and thermal overload protections are intended
to protect the device against accidental overload conditions.
For reliable operation, limit the device power externally so that
junction temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
To guarantee reliable operation, the junction temperature of
the ADP1762 must not exceed 125°C. To ensure that the
junction temperature stays below this maximum value, the user
needs to be aware of the parameters that contribute to junction
temperature changes. These parameters include ambient
temperature, power dissipation in the power device, and
thermal resistance between the junction and ambient air (θJA).
The θJA value is dependent on the package assembly compounds
used and the amount of copper to which the GND pin and the
exposed pad (EPAD) of the package are soldered on the PCB.
Table 7 shows typical θJA values for the 16-lead LFCSP for
various PCB copper sizes. Table 8 shows typical ΨJB values for
the 16-lead LFCSP.
Table 7. Typical θJA Values
Copper Size (mm2)
θJA (°C/W), LFCSP
25
138.1
100
102.9
500
76.9
1000
67.3
6400
56
Table 8. Typical ΨJB Values
Copper Size (mm2)
ΨJB (°C/W) at 1 W
100
33.3
500
28.9
1000
28.5
To calculate the junction temperature of the ADP1762, use the
following equation:
TJ = TA + (PD × θJA)
(5)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(6)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
As shown in Equation 6, for a given ambient temperature
and computed power dissipation, a minimum copper size
requirement exists for the PCB to ensure that the junction
temperature does not rise above 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com