Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC319DB Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC319DB
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319DB Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC319DB Datasheet HTML 5Page - Texas Instruments CDC319DB Datasheet HTML 6Page - Texas Instruments CDC319DB Datasheet HTML 7Page - Texas Instruments CDC319DB Datasheet HTML 8Page - Texas Instruments CDC319DB Datasheet HTML 9Page - Texas Instruments CDC319DB Datasheet HTML 10Page - Texas Instruments CDC319DB Datasheet HTML 11Page - Texas Instruments CDC319DB Datasheet HTML 12Page - Texas Instruments CDC319DB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
DUT
RL = 1 kΩ
VO = 3.3 V
CL = 10 pF or
CL = 400 pF
GND
tsu(START)
t(BUS)
tr(SDATA)
th(START)
tsu(SDATA)
th(SDATA)
tf
tr
tw(SCLL)
tw(SCLH)
tsu(START)
tPHL
tPLH
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
Stop Condition
tsu(STOP)
Repeat Start
Condition
(see Note A)
Start or
Repeat Start
Condition
SCLOCK
SDATA
Start
Condition
(S)
Bit 7
MSB
Bit 6
Bit 0
LSB
(R/W)
Acknowledge
(A)
Stop
Condition
(P)
4 to 6 Bytes for Complete Device
Programming
TEST CIRCUIT
VOLTAGE WAVEFORMS
tf(SDATA)
BYTE
DESCRIPTION
1
I2C address
2
Command (dummy value, ignored)
3
Byte count (dummy value, ignored)
4
I2C data byte 0
5
I2C data byte 1
6
I2C data byte 2
NOTES: A. The repeat start condition is not supported.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 100 kHz, ZO = 50 Ω, tr ≥ 10 ns, tf ≥ 10 ns.
Figure 3. Propagation Delay Times, tr and tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com