Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC319DB Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC319DB
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319DB Datasheet(HTML) 1 Page - Texas Instruments

  CDC319DB Datasheet HTML 1Page - Texas Instruments CDC319DB Datasheet HTML 2Page - Texas Instruments CDC319DB Datasheet HTML 3Page - Texas Instruments CDC319DB Datasheet HTML 4Page - Texas Instruments CDC319DB Datasheet HTML 5Page - Texas Instruments CDC319DB Datasheet HTML 6Page - Texas Instruments CDC319DB Datasheet HTML 7Page - Texas Instruments CDC319DB Datasheet HTML 8Page - Texas Instruments CDC319DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High-Speed, Low-Skew 1-to-10 Clock Buffer
for SDRAM (Synchronous DRAM) Clock
Buffering Applications
D Output Skew, tsk(o), Less Than 250 ps
D Pulse Skew, tsk(p), Less Than 500 ps
D Supports up to Two Unbuffered SDRAM
DIMMs (Dual Inline Memory Modules)
D I2C Serial Interface Provides Individual
Enable Control for Each Output
D Operates at 3.3 V
D Distributed VCC and Ground Pins Reduce
Switching Noise
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015
D Packaged in 28-Pin Shrink Small Outline
(DB) Package
description
The CDC319 is a high-performance clock buffer that distributes one input (A) to 10 outputs (Y) with minimum
skew for clock distribution. The CDC319 operates from a 3.3-V power supply, and is characterized for operation
from 0
°C to 70°C.
The device provides a standard mode (100K-bits/s) I2C serial interface for device control. The implementation
is as a slave/receiver. The device address is specified in the I2C device address table. Both of the I2C inputs
(SDATA and SCLOCK) provide integrated pullup resistors (typically 140 k
Ω) and are 5-V tolerant.
Three 8-bit I2C registers provide individual enable control for each of the outputs. All outputs default to enabled
at powerup. Each output can be placed in a disabled mode with a low-level output when a low-level control bit
is written to the control register. The registers are write only and must be accessed in sequential order (i.e.,
random access of the registers is not supported).
The CDC319 provides 3-state outputs for testing and debugging purposes. The outputs can be placed in a
high-impedance state via the output-enable (OE) input. When OE is high, all outputs are in the operational state.
When OE is low, the outputs are placed in a high-impedance state. OE provides an integrated pullup resistor.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
1Y0
1Y1
GND
VCC
1Y2
1Y3
GND
A
VCC
3Y0
GND
VCC
SDATA
VCC
2Y3
2Y2
GND
VCC
2Y1
2Y0
GND
OE
VCC
3Y1
GND
GND
SCLOCK
DB PACKAGE
(TOP VIEW)


Similar Part No. - CDC319DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC319DB TI-CDC319DB Datasheet
168Kb / 11P
1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC319DB TI1-CDC319DB Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
CDC319DBG4 TI1-CDC319DBG4 Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
CDC319DBR TI1-CDC319DBR Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
CDC319DBRG4 TI1-CDC319DBRG4 Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
More results

Similar Description - CDC319DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC318A TI-CDC318A Datasheet
182Kb / 12P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC319 TI-CDC319 Datasheet
168Kb / 11P
1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318 TI-CDC318 Datasheet
198Kb / 13P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com