Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC319DB Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC319DB
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319DB Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC319DB Datasheet HTML 6Page - Texas Instruments CDC319DB Datasheet HTML 7Page - Texas Instruments CDC319DB Datasheet HTML 8Page - Texas Instruments CDC319DB Datasheet HTML 9Page - Texas Instruments CDC319DB Datasheet HTML 10Page - Texas Instruments CDC319DB Datasheet HTML 11Page - Texas Instruments CDC319DB Datasheet HTML 12Page - Texas Instruments CDC319DB Datasheet HTML 13Page - Texas Instruments CDC319DB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
CAPACITIVE LOAD
vs
SUPPORTED MAXIMUM CLOCK FREQUENCY
30
10
f – Supported Maximum Clock Frequency – MHz
130
50
50
70
90
110
15
20
25
30
35
40
45
120
100
80
60
40
60
55
140
150
TA = 55°C
TJ = 130°C
VDD = 3.465 V
TA = 70°C
TJ = 130°C
VDD = 3.6 V
NOTES: A. With a total capacitive load of 20 pF for each output, the CDC319 is capable of running up to about 125 MHz. A lower capacitive
load will allow higher application frequencies, up to 133 MHz (140 MHz).
B. CPD for the CDC319 is about 25 pF per output (21 pF if CL < 20 pF)
P(total) = VDD2
× CPD × FO × N + (VOH – VOL)2 × CL × FO × N + DC load
where:
N = number of switching outputs
FO = clock frequency
Package thermal impedance (junction-to-ambient) = 92.4
°C/W
Maximum junction temperature = 150
°C (<125°C recommended)
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com