Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL356CEZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL356CEZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ Datasheet(HTML) 5 Page - Analog Devices

  ADXL356CEZ Datasheet HTML 1Page - Analog Devices ADXL356CEZ Datasheet HTML 2Page - Analog Devices ADXL356CEZ Datasheet HTML 3Page - Analog Devices ADXL356CEZ Datasheet HTML 4Page - Analog Devices ADXL356CEZ Datasheet HTML 5Page - Analog Devices ADXL356CEZ Datasheet HTML 6Page - Analog Devices ADXL356CEZ Datasheet HTML 7Page - Analog Devices ADXL356CEZ Datasheet HTML 8Page - Analog Devices ADXL356CEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
SPECIFICATIONS
analog.com
Rev. C | 5 of 52
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Current
Measurement Mode
VSUPPLY
LDO regulator enabled
150
µA
V1P8ANA
LDO regulator disabled
138
µA
V1P8DIG
LDO regulator disabled
12
µA
Standby Mode
VSUPPLY
LDO regulator enabled
21
µA
V1P8ANA
LDO regulator disabled
7
µA
V1P8DIG
LDO regulator disabled
10
µA
Turn On Time9
10 g range
10
ms
Power-off to standby
<10
ms
OUTPUT AMPLIFIER
XOUT, YOUT, ZOUT, and TEMP pins
Swing
No load
0.03
V1P8ANA − 0.03
V
Output Series Resistance
32
kΩ
TEMPERATURE SENSOR
Output at 25°C
967
mV
Standard Deviation
6
mV
Scale Factor
3.0
mV/°C
TEMPERATURE
Operating Temperature Range
−40
+125
°C
1 The resonant frequency is a sensor characteristic.
2 Repeatability is predicted for a 10 year life and includes shifts due to the high temperature operating life (HTOL) (TA = 150°C, VSUPPLY = 3.6 V, and 1000 hours),
temperature cycling (−55°C to +125°C and 1000 cycles), velocity random walk, broadband noise, and temperature hysteresis. Repeatability in relation to time follows the
square root law. For example, to obtain offset repeatability of the x-axis for 2.5 years, use the following equation: ±4.25 mg × √(2.5 years/10 years) = ±2.125 mg.
3 The temperature change is −40°C to +25°C, or +25°C to +125°C.
4 The VRE measurement is the shift in dc offset while the device is subject to 7.5 g rms of random vibration from 50 Hz to 2 kHz. The device under test (DUT) is configured
for the ±10 g range and an output data rate of 4 kHz. The VRE scales with the range setting.
5 Based on characterization.
6 Overall transfer function includes the sensor mechanical response and all other filters on the signal chain.
7 ±10 g indicates a test condition. The self test result converted to the acceleration value is independent of the selected range.
8 When V1P8ANA and V1P8DIG are generated internally, VSUPPLY is valid. To disable the LDO regulator and drive V1P8ANA and V1P8DIG externally, connect VSUPPLY to VSS.
9 Standby to measurement mode. This specification is valid when the output is within 5 mg of the final value.
ADXL357 (DIGITAL OUTPUT)
TA = 25°C, VSUPPLY = 3.3 V, x-axis acceleration and y-axis acceleration = 0 g, z-axis acceleration = 1 g, full-scale range = ±10 g, and output
data rate (ODR) = 500 Hz, unless otherwise noted. Note that multifunction pin names may be referenced only by their relevant function.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Output Full-Scale Range (FSR)
User selectable, supports three ranges
±10
g
±20
g
±40
g
Resonant Frequency1
X-axis and y-axis
5.5
kHz
Z-axis
5.1
kHz
Quality Factor
X-axis
18
Y-axis
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com