Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC551CD Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC551CD
Description  LinCMOSE TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC551CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC551CD Datasheet HTML 2Page - Texas Instruments TLC551CD Datasheet HTML 3Page - Texas Instruments TLC551CD Datasheet HTML 4Page - Texas Instruments TLC551CD Datasheet HTML 5Page - Texas Instruments TLC551CD Datasheet HTML 6Page - Texas Instruments TLC551CD Datasheet HTML 7Page - Texas Instruments TLC551CD Datasheet HTML 8Page - Texas Instruments TLC551CD Datasheet HTML 9Page - Texas Instruments TLC551CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2 V
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25
°C
0.95
1.33
1.65
V
VIT
Threshold voltage
Full range
0.85
1.75
V
IIT
Threshold current
25
°C
10
pA
IIT
Threshold current
70
°C
75
pA
VI(TRIG)
Trigger voltage
25
°C
0.4
0.67
0.95
V
VI(TRIG)
Trigger voltage
Full range
0.3
1.05
V
II(TRIG)
Trigger current
25
°C
10
pA
II(TRIG)
Trigger current
70
°C
75
pA
VI(RESET)
Reset voltage
25
°C
0.4
1.1
1.5
V
VI(RESET)
Reset voltage
Full range
0.3
1.8
V
II(RESET)
Reset current
25
°C
10
pA
II(RESET)
Reset current
70
°C
75
pA
Control voltage (open circuit) as a percentage of
supply voltage
70
°C
66.7%
Discharge switch on stage voltage
IOL =1mA
25
°C
0.03
0.2
V
Discharge switch on-stage voltage
IOL = 1 mA
Full range
0.25
V
Discharge switch off stage voltage
25
°C
0.1
nA
Discharge switch off-stage voltage
70
°C
0.5
nA
VOH
High level output voltage
IOH = 300 µA
25
°C
1.5
1.9
V
VOH
High-level output voltage
IOH = – 300 µA
Full range
1.5
V
VOL
Low level output voltage
IOL =1mA
25
°C
0.07
0.3
V
VOL
Low-level output voltage
IOL = 1 mA
Full range
0.35
V
IDD
Supply current
See Note 2
25
°C
65
250
µA
IDD
Supply current
See Note 2
Full range
400
µA
† Full range is 0
°C to 70°C.
NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com