Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC551CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC551CD
Description  LinCMOSE TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC551CD Datasheet(HTML) 1 Page - Texas Instruments

  TLC551CD Datasheet HTML 1Page - Texas Instruments TLC551CD Datasheet HTML 2Page - Texas Instruments TLC551CD Datasheet HTML 3Page - Texas Instruments TLC551CD Datasheet HTML 4Page - Texas Instruments TLC551CD Datasheet HTML 5Page - Texas Instruments TLC551CD Datasheet HTML 6Page - Texas Instruments TLC551CD Datasheet HTML 7Page - Texas Instruments TLC551CD Datasheet HTML 8Page - Texas Instruments TLC551CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Very Low Power Consumption
1 mW Typ at VDD = 5 V
D Capable of Operation in Astable Mode
D CMOS Output Capable of Swinging Rail
to Rail
D High Output-Current Capability
Sink 100 mA Typ
Source 10 mA Typ
D Output Fully Compatible With CMOS, TTL,
and MOS
D Low Supply Current Reduces Spikes
During Output Transitions
D Single-Supply Operation From 1 V to 15 V
D Functionally Interchangeable With the
NE555; Has Same Pinout
D ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015.2
description
The TLC551 is a monolithic timing circuit
fabricated using the TI LinCMOS
™process. The
timer is fully compatible with CMOS, TTL, and MOS logic and operates at frequencies up to 2 MHz. Compared
to the NE555 timer, this device uses smaller timing capacitors because of its high input impedance. As a result,
more accurate time delays and oscillations are possible. Power consumption is low across the full range of
power supply voltage.
Like the NE555, the TLC551 has a trigger level equal to approximately one-third of the supply voltage and a
threshold level equal to approximately two-thirds of the supply voltage. These levels can be altered by use of
the control voltage terminal (CONT). When the trigger input (TRIG) falls below the trigger level, the flip-flop is
set and the output goes high. If TRIG is above the trigger level and the threshold input (THRES) is above the
threshold level, the flip-flop is reset and the output is low. The reset input (RESET) can override all other inputs
and can be used to initiate a new timing cycle. If RESET is low, the flip-flop is reset and the output is low.
Whenever the output is low, a low-impedance path is provided between DISCH and GND. All unused inputs
should be tied to an appropriate logic level to prevent false triggering.
While the CMOS output is capable of sinking over 100 mA and sourcing over 10 mA, the TLC551 exhibits greatly
reduced supply-current spikes during output transitions. This minimizes the need for the large decoupling
capacitors required by the NE555.
The TLC551C is characterized for operation from 0
°C to 70°C.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together or the device
should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level,
preferably either supply voltage or ground. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
LinCMOS is a trademark of Texas Instruments Incorporated.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
D, DB, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
TRIG
OUT
RESET
VDD
DISCH
THRES
CONT
GND
RESET
CONT
VDD
1
THRES
TRIG
R
R
R
DISCH
OUT
S
R
R1
RESET can override TRIG, which can override THRES.
5
6
2
1
7
3
functional block diagram
4
8


Similar Part No. - TLC551CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551CD TI-TLC551CD Datasheet
277Kb / 16P
LinCMOSE TIMERS
TLC551CD TI1-TLC551CD Datasheet
297Kb / 17P
LinCMOSE TIMERS
TLC551CDBLE TI-TLC551CDBLE Datasheet
277Kb / 16P
LinCMOSE TIMERS
TLC551CDG4 TI1-TLC551CDG4 Datasheet
297Kb / 17P
LinCMOSE TIMERS
More results

Similar Description - TLC551CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
DUAL LINCMOSE TIMER
TLC555 TI-TLC555 Datasheet
404Kb / 19P
LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
DUAL LinCMOSE TIMERS
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
Texas Instruments
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
DUAL LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com