Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC551CD Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC551CD
Description  LinCMOSE TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC551CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC551CD Datasheet HTML 4Page - Texas Instruments TLC551CD Datasheet HTML 5Page - Texas Instruments TLC551CD Datasheet HTML 6Page - Texas Instruments TLC551CD Datasheet HTML 7Page - Texas Instruments TLC551CD Datasheet HTML 8Page - Texas Instruments TLC551CD Datasheet HTML 9Page - Texas Instruments TLC551CD Datasheet HTML 10Page - Texas Instruments TLC551CD Datasheet HTML 11Page - Texas Instruments TLC551CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 15 V
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25
°C
9.45
10.55
V
VIT
Threshold voltage
Full range
9.35
10.65
V
IIT
Threshold current
25
°C
10
pA
IIT
Threshold current
70
°C
75
pA
VI(TRIG)
Trigger voltage
25
°C
4.65
5
5.35
V
VI(TRIG)
Trigger voltage
Full range
4.55
5.45
V
II(TRIG)
Trigger current
25
°C
10
pA
II(TRIG)
Trigger current
70
°C
75
pA
VI(RESET)
Reset voltage
25
°C
0.4
1.1
1.5
V
VI(RESET)
Reset voltage
Full range
0.3
1.8
V
II(RESET)
Reset current
25
°C
10
pA
II(RESET)
Reset current
70
°C
75
pA
Control voltage (open circuit) as a percentage of
supply voltage
70
°C
66.7%
Discharge switch on stage voltage
IOL = 100 mA
25
°C
0.77
1.7
V
Discharge switch on-stage voltage
IOL = 100 mA
Full range
1.8
V
Discharge switch off stage voltage
25
°C
0.1
nA
Discharge switch off-stage voltage
70
°C
0.5
nA
IOH =10 mA
25
°C
12.5
14.2
IOH = – 10 mA
Full range
12.5
VOH
High level output voltage
IOH =5 mA
25
°C
13.5
14.6
V
VOH
High-level output voltage
IOH = – 5 mA
Full range
13.5
V
IOH =1 mA
25
°C
14.2
14.9
IOH = – 1 mA
Full range
14.2
IOL = 100 mA
25
°C
1.28
3.2
IOL = 100 mA
Full range
3.6
VOL
Low level output voltage
IOL =50mA
25
°C
0.63
1
V
VOL
Low-level output voltage
IOL = 50 mA
Full range
1.3
V
IOL =10mA
25
°C
0.12
0.3
IOL = 10 mA
Full range
0.4
IDD
Supply current
See Note 2
25
°C
360
600
µA
IDD
Supply current
See Note 2
Full range
800
µA
† Full range is 0
°C to 70°C.
NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG.
operating characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Initial error of timing interval‡
VDD = 5 V to 15 V,
RA = RB = 1 kΩ to 100 kΩ,
1%
3%
Supply voltage sensitivity of timing interval
DD
,
CT = 0.1 µF,
AB
,
See Note 3
0.1
0.5
%/ V
tr
Rise time, output pulse
RL =10MΩ
CL =10 pF
20
75
ns
tf
Fall time, output pulse
RL = 10 MΩ,
CL = 10 pF
15
60
ns
fmax
Maximum frequency in astable mode
RA = 470 Ω,
CT = 200 pF
RB = 200 Ω,
See Note 3
1.2
1.8
MHz
‡ Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process
run.
NOTE 3: RA, RB, and CT are as defined in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com