Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AMDREP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5618AMDREP
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5618AMDREP Datasheet(HTML) 4 Page - Texas Instruments

  TLV5618AMDREP Datasheet HTML 1Page - Texas Instruments TLV5618AMDREP Datasheet HTML 2Page - Texas Instruments TLV5618AMDREP Datasheet HTML 3Page - Texas Instruments TLV5618AMDREP Datasheet HTML 4Page - Texas Instruments TLV5618AMDREP Datasheet HTML 5Page - Texas Instruments TLV5618AMDREP Datasheet HTML 6Page - Texas Instruments TLV5618AMDREP Datasheet HTML 7Page - Texas Instruments TLV5618AMDREP Datasheet HTML 8Page - Texas Instruments TLV5618AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLV5618AEP
2.7V TO 5.5V LOW POWER DUAL 12BIT
DIGITALTOANALOG CONVERTER WITH POWER DOWN
SGLS214 − OCTOBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No load, All inputs = AGND or
Fast
1.8
2.3
IDD
Power supply current
No load, All inputs = AGND or
VDD = 2.7 V to 5.5 V
Fast
1.8
2.3
mA
IDD
Power supply current
No load, All inputs = AGND or
VDD, DAC latch = All ones
VDD = 2.7 V to 5.5 V
Slow
0.8
1
mA
Power down supply current
1
µA
PSRR
Power supply rejection ratio
Zero scale, See Note 2
−65
dB
PSRR
Power supply rejection ratio
Full scale,
See Note 3
−65
dB
NOTES:
2. Power supply rejection ratio at zero scale is measured by varying VDD and is given by:
PSRR = 20 log [(EZS(VDDmax) − EZS(VDDmin)/VDDmax]
3. Power supply rejection ratio at full scale is measured by varying VDD and is given by:
PSRR = 20 log [(EG(VDDmax) − EG(VDDmin)/VDDmax]
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
bits
INL
Integral nonlinearity
See Note 4
±2
±4
LSB
DNL
Differential nonlinearity
See Note 5
±0.5
±1
LSB
EZS
Zero-scale error (offset error at zero
scale)
See Note 6
±12
mV
EZS (TC)
Zero-scale-error temperature
coefficient
See Note 7
3
ppm/
°C
EG
Gain error
See Note 8
VDD = 2.7 V − 5.5 V
±0.6
% full
scale V
EG (TC)
Gain-error temperature coefficient
See Note 9
1
ppm/
°C
NOTES:
4. The relative accuracy of integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale, excluding the effects of zero-code and full-scale errors.
5. The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the measured and ideal
1-LSB amplitude change of any two adjacent codes.
6. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
7. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) − EZS (Tmin)]/2Vref × 106/(Tmax − Tmin).
8. Gain error is the deviation from the ideal output (2Vref − 1 LSB) with an output load of 10 kΩ.
9. Gain temperature coefficient is given by: EG TC = [EG (Tmax) − Eg (Tmin)]/2Vref × 106/(Tmax − Tmin).
output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage range
RL = 10 kΩ
0
VDD−0.4
V
Output load regulation accuracy
VO = 4.096 V, 2.048 V,
RL = 2 kΩ to 10 kΩ
±0.29
% FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com