Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AMDREP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV5618AMDREP
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5618AMDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5618AMDREP Datasheet HTML 2Page - Texas Instruments TLV5618AMDREP Datasheet HTML 3Page - Texas Instruments TLV5618AMDREP Datasheet HTML 4Page - Texas Instruments TLV5618AMDREP Datasheet HTML 5Page - Texas Instruments TLV5618AMDREP Datasheet HTML 6Page - Texas Instruments TLV5618AMDREP Datasheet HTML 7Page - Texas Instruments TLV5618AMDREP Datasheet HTML 8Page - Texas Instruments TLV5618AMDREP Datasheet HTML 9Page - Texas Instruments TLV5618AMDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLV5618AEP
2.7V TO 5.5V LOW POWER DUAL 12BIT
DIGITALTOANALOG CONVERTER WITH POWER DOWN
SGLS214 − OCTOBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS-CK)
Setup time, CS low before first negative SCLK edge
10
ns
tsu(C16-CS)
Setup time, 16th negative SCLK edge before CS rising edge
10
ns
tw(H)
SCLK pulse width high
25
ns
tw(L)
SCLK pulse width low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
10
ns
th(CSH)
Hold time, CS high between cycles
VDD = 5 V
25
ns
th(CSH)
Hold time, CS high between cycles
VDD = 3 V
50
ns
timing requirements
tw(L)
SCLK
CS
DIN
D15
D14
D13
D12
D1
D0
X
X
1
X
2
3
4
5 15
16
X
tw(H)
tsu(D) th(D)
tsu(CS-CK)
tsu(C16-CS)
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com