Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AMDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5618AMDREP
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5618AMDREP Datasheet(HTML) 5 Page - Texas Instruments

  TLV5618AMDREP Datasheet HTML 1Page - Texas Instruments TLV5618AMDREP Datasheet HTML 2Page - Texas Instruments TLV5618AMDREP Datasheet HTML 3Page - Texas Instruments TLV5618AMDREP Datasheet HTML 4Page - Texas Instruments TLV5618AMDREP Datasheet HTML 5Page - Texas Instruments TLV5618AMDREP Datasheet HTML 6Page - Texas Instruments TLV5618AMDREP Datasheet HTML 7Page - Texas Instruments TLV5618AMDREP Datasheet HTML 8Page - Texas Instruments TLV5618AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TLV5618AEP
2.7V TO 5.5V LOW POWER DUAL 12BIT
DIGITALTOANALOG CONVERTER WITH POWER DOWN
SGLS214 − OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
(continued)
reference input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
0
VDD−1.5
V
RI
Input resistance
10
M
Ω
CI
Input capacitance
5
pF
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
Fast
1.3
MHz
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
Slow
525
kHz
Reference feedthrough
REF = 1 Vpp at 1 kHz + 1.024 V dc (see Note 10)
−80
dB
NOTE 10: Reference feedthrough is measured at the DAC output with an input code = 0x000.
digital inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
1
µA
IIL
Low-level digital input current
VI = 0 V
−1
µA
Ci
Input capacitance
8
pF
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts(FS)
Output settling time, full scale
RL = 10 kΩ,CL = 100 pF, See Note 11
Fast
1
3
s
ts(FS)
Output settling time, full scale
RL = 10 kΩ,CL = 100 pF, See Note 11
Slow
3
10
µs
ts(CC)
Output settling time, code to code
RL = 10 kΩ,CL = 100 pF, See Note 12
Fast
1
s
ts(CC)
Output settling time, code to code
RL = 10 kΩ,CL = 100 pF, See Note 12
Slow
2
µs
SR
Slew rate
RL = 10 kΩ,CL = 100 pF, See Note 13
Fast
3
V/ s
SR
Slew rate
RL = 10 kΩ,CL = 100 pF, See Note 13
Slow
0.5
V/
µs
Glitch energy
DIN = 0 to 1,
FCLK = 100 kHz, CS = VDD
5
nV−s
SNR
Signal-to-noise ratio
76
SINAD
Signal-to-noise + distortion
fs = 102 kSPS, fout = 1 kHz, RL = 10 kΩ,
68
dB
THD
Total harmonic distortion
fs = 102 kSPS, fout = 1 kHz, RL = 10 kΩ,
CL = 100 pF
−68
dB
SFDR
Spurious free dynamic range
CL = 100 pF
72
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0xFDF and 0xFDF to 0x020 respectively. Not tested, assured by design.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Not tested, assured by design.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% of full-scale voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com