Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2001D2PWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA2001D2PWPR
Description  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2001D2PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPA2001D2PWPR Datasheet HTML 1Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 2Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 3Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
eliminating the output filter with the TPA2001D2
This section will focus on why the user can eliminate the output filter with the TPA2001D2.
effect on audio
The class-D amplifier outputs a pulse-width modulated (PWM) square wave, which is the sum of the switching
waveform and the amplified input audio signal. The human ear acts as a band-pass filter such that only the
frequencies between approximately 20 Hz and 20 kHz are passed. The switching frequency components are
much greater than 20 kHz, so the only signal heard is the amplified input audio signal.
traditional class-D modulation scheme
The traditional class-D modulation scheme, which is used in the TPA005Dxx family, has a differential output
where each output is 180 degrees out of phase and changes from ground to the supply voltage, VDD. Therefore,
the differential pre-filtered output varies between positive and negative VDD, where filtered 50% duty cycle yields
0 volts across the load. The traditional class-D modulation scheme with voltage and current waveforms is shown
in Figure 1. Note that even at an average of 0 volts across the load (50% duty cycle), the current to the load is
high causing high loss thus causing a high supply current.
O V
–5 V
+5 V
Current
OUT+
Differential Voltage
Across Load
OUT–
Figure 1. Traditional Class-D Modulation Scheme’s Output Voltage and Current Waveforms Into an
Inductive Load With no Input
TPA2001D2 modulation scheme
The TPA2001D2 uses a modulation scheme that still has each output switching from 0 to the supply voltage.
However, OUT+ and OUT– are now in phase with each other with no input. The duty cycle of OUT+ is greater
than 50% and OUT– is less than 50% for positive voltages. The duty cycle of OUT+ is less than 50% and OUT–
is greater than 50% for negative voltages. The voltage across the load sits at 0 volts throughout most of the
switching period greatly reducing the switching current, which reduces any I2R losses in the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com