Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2001D2PWPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TPA2001D2PWPR
Description  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2001D2PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA2001D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 9Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 10Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 11Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 12Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 13Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 14Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 15Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PWP (R-PDSO-G**)
PowerPAD
™ PLASTIC SMALL-OUTLINE
4073225/F 10/98
0,50
0,75
0,25
0,15 NOM
Thermal Pad
(See Note D)
Gage Plane
28
24
7,70
7,90
20
6,40
6,60
9,60
9,80
6,60
6,20
11
0,19
4,50
4,30
10
0,15
20
A
1
0,30
1,20 MAX
16
14
5,10
4,90
PINS **
4,90
5,10
DIM
A MIN
A MAX
0,05
Seating Plane
0,65
0,10
M
0,10
0
°–8°
20 PINS SHOWN
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusions.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MO-153
PowerPAD is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com