Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2001D2PWPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA2001D2PWPR
Description  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2001D2PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2001D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 9Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 10Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 11Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 12Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The value of Ci is important as it directly affects the bass (low frequency) performance of the circuit. Consider
the example where ZI is 20 kΩ and the specification calls for a flat bass response down to 80 Hz. Equation 5
is reconfigured as equation 6.
C
i +
1
2
pZ
I fc
(6)
In this example, Ci is 0.1 µF so one would likely choose a value in the range of 0.1 µF to 1 µF. If the gain is known
and will be constant, use ZI from Table 1 to calculate Ci. A further consideration for this capacitor is the leakage
path from the input source through the input network (Ci) and the feedback network to the load. This leakage
current creates a dc offset voltage at the input to the amplifier that reduces useful headroom, especially in high
gain applications. For this reason a low-leakage tantalum or ceramic capacitor is the best choice. When
polarized capacitors are used, the positive side of the capacitor should face the amplifier input in most
applications as the dc level there is held at VDD/2, which is likely higher than the source dc level. Note that it
is important to confirm the capacitor polarity in the application.
Ci must be 10 times smaller than the bypass capacitor to reduce clicking and popping noise from power on/off
and entering and leaving shutdown. After sizing Ci for a given cut-off frequency, size the bypass capacitor to
10 times that of the input capacitor.
(7)
Ci ≤ CBYP / 10
power supply decoupling, CS
The TPA2001D2 is a high-performance CMOS audio amplifier that requires adequate power supply decoupling
to ensure the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also
prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling is
achieved by using two capacitors of different types that target different types of noise on the power supply leads.
For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance
(ESR) ceramic capacitor, typically 0.1
µF placed as close as possible to the device VDD lead works best. For
filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10
µF or greater placed near
the audio power amplifier is recommended.
midrail bypass capacitor, CBYP
The midrail bypass capacitor, CBYP, is the most critical capacitor and serves several important functions. During
start-up or recovery from shutdown mode, CBYP determines the rate at which the amplifier starts up. The second
function is to reduce noise produced by the power supply caused by coupling into the output drive signal. This
noise is from the midrail generation circuit internal to the amplifier, which appears as degraded PSRR and
THD+N.
Bypass capacitor, CBYP, values of 0.47 µF to 1 µF ceramic or tantalum low-ESR capacitors are recommended
for the best THD and noise performance.
Increasing the bypass capacitor reduces clicking and popping noise from power on/off and entering and leaving
shutdown. To have minimal pop, CBYP should be 10 times larger than Ci.
(8)
CBYP ≥ 10 × Ci



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com