Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AMA Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0AMA
Description  3x8.4mm Fast-acting Fuses for hazardous applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0AMA Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0AMA Datasheet HTML 1Page - Bel Fuse Inc. 0AMA Datasheet HTML 2Page - Bel Fuse Inc. 0AMA Datasheet HTML 3Page - Bel Fuse Inc. 0AMA Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0AMA
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
Rev. 0AMA Sep2024
Temperature Rerating Curve
Average Time Current Curve
Operating Temperature: -55°C to +125°C,
with proper rerating factor applied
Electrical Specifications
Part Number
Rated Current
Voltage and
Interrupting
Ratings
Typical Cold.
Resistance
(Ω)
I²t *
(A²sec)
color coding
Agency
Approvals
Pre-arcing
0AMA-0040-TD
40mA
See Table of
Ratings on
Page 1 for
Voltage and
associated
Interrupting
Ratings
14.2
0.00006
Grey
Y
0AMA-0050-TD
50mA
9.40
0.00010
Red
Y
0AMA-0063-TD
63mA
8.80
0.00012
Pink
Y
0AMA-0080-TD
80mA
5.10
0.00018
Green
Y
0AMA-0100-TD
100mA
2.87
0.00087
Yellow
Y
0AMA-0125-TD
125mA
2.20
0.00134
Orange
Y
0AMA-0160-TD
160mA
2.05
0.00166
Violet
Y
0AMA-0200-TD
200mA
1.01
0.00237
Brown
Y
0AMA-0250-TD
250mA
0.71
0.00530
Black
Y
Consult manufacturer for other ratings
* I2t is measured with 10In.
Specifications subject to change without notice
0.0001
0.001
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
CURRENT IN AMPERES
40mA
50mA
63mA
80mA
100mA
125mA
160mA
200mA
250A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com