Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AMA Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0AMA
Description  3x8.4mm Fast-acting Fuses for hazardous applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0AMA Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0AMA Datasheet HTML 1Page - Bel Fuse Inc. 0AMA Datasheet HTML 2Page - Bel Fuse Inc. 0AMA Datasheet HTML 3Page - Bel Fuse Inc. 0AMA Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0AMA
4 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
Rev. 0AMA Sep2024
Fuse FGNO Explanation
0AMA - [XXXX] -TD
0AMA=0AMA; [XXXX]=Ampere Rating; TD=See Ordering Information as below
Amps
Bel FGNO[XXXX]
40mA
0040
50mA
0050
63mA
0063
80mA
0080
100mA
0100
125mA
0125
160mA
0160
200mA
0200
250mA
0250
Mechanical Dimensions
Ordering Information
Packaging
Packaging Option
Quantity
Packaging Code
Tape (width 24mm) and reel (dia. 13inch)
500
TD
Specifications subject to change without notice
0AMA – XXXX – X X
FUSE TYPE
0AMA
AMPERE RATING
Refer to fuse FGNO explanation table
MOUNTING TAB CODE
T = Tape & Reel
QUANTITY CODE
D = 500pcs/reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com