Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AMA Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0AMA
Description  3x8.4mm Fast-acting Fuses for hazardous applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0AMA Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0AMA Datasheet HTML 1Page - Bel Fuse Inc. 0AMA Datasheet HTML 2Page - Bel Fuse Inc. 0AMA Datasheet HTML 3Page - Bel Fuse Inc. 0AMA Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 0AMA
3x8.4mm Fast-acting Fuses for hazardous applications
belfuse.com/circuit-protection
0AMA Series
RoHS Compliant
Description
250V AC/DC rated ceramic tube fuse
Features
- designed for barrier circuits in intrinsic safety applications relating to Hazardous Locations
- Meets electrical performance specifications for intrinsically safe(EN60079-11) applications
- Fast-acting, high interrupting rating of 4000A at 250Vac/dc
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
Applications
-Hazardous Locations and Environments
-Intrinsically safe network barriers
-Electrical connections and components
-Test equipment
-Petrochemical processing and refining equipment
-Pulp and paper processing equipment
HALOGEN FREE =
Physical Specifications
Electrical Characteristics
Ratings
Materials
Body : Ceramic
Terminals : Silver plated brass
Marking
On Fuse :
“Color coding for Current Rating”,
On Label :
"bel", "0AMA
”, "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
1.1 In
3.0In
10.0In
4 hours min.
10 sec max.
0.002 sec max.
Safety
Agency
Safety Agency
Certificate
Ampere Rating /
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
E491441
40mA-250mA/250V DC
250V AC
40mA-250mA/250V @ 4kA DC
250V @ 4kA AC
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - 0AMA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
0AMA MITEL-0AMA Datasheet
94Kb / 23P
Stand Alone FFT Processor
logo
Zarlink Semiconductor I...
0AMA ZARLINK-0AMA Datasheet
190Kb / 24P
Stand Alone FFT Processor
More results

Similar Description - 0AMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
Fast-Acting Chip Fuses
logo
Cooper Bussmann, Inc.
GMW-1100 COOPER-GMW-1100 Datasheet
29Kb / 1P
Specialty Fuses Fast-Acting
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Protek Devices
PF0402F200 PROTEC-PF0402F200 Datasheet
476Kb / 6P
Fast acting chip fuses
logo
Cooper Bussmann, Inc.
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Eaton All Rights Reserv...
C308F EATON-C308F Datasheet
767Kb / 5P
3 mm x 8.4 mm fast-acting, ceramic tube fuses for hazardous applications
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com