Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060 Datasheet(PDF) 32 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 32 Page - Microchip Technology

Back Button 1060 Datasheet HTML 27Page - Microchip Technology 1060 Datasheet HTML 28Page - Microchip Technology 1060 Datasheet HTML 29Page - Microchip Technology 1060 Datasheet HTML 30Page - Microchip Technology 1060 Datasheet HTML 31Page - Microchip Technology 1060 Datasheet HTML 32Page - Microchip Technology 1060 Datasheet HTML 33Page - Microchip Technology 1060 Datasheet HTML 34Page - Microchip Technology 1060 Datasheet HTML 35Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
32
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
A.3
START and STOP Conditions
The host initiates and terminates a data transmission. The transmission is initiated when the host issues a START
condition on the bus, and is terminated when the host issues a STOP condition. Between the START and STOP
conditions, the bus is considered busy. As shown in Figure A-3, START and STOP conditions are signaled by
changing the level of the SDA line when the SCL line is high.
Figure A-3.
START and STOP Conditions
A.4
Address Byte Format
All address bytes are 9 bits long, consisting of 7 address bits, one READ/WRITE control bit and an acknowledge bit.
If the READ/WRITE bit is set, a read operation is performed, otherwise a write operation is performed. When the
device recognizes that it is being addressed, it will acknowledge by pulling SDA low in the ninth SCL (ACK) cycle. An
address byte consisting of a slave address and a READ or a WRITE bit is called SLA+R or SLA+W, respectively.
The most significant bit of the address byte is transmitted first. The address sent by the host must be consistent with
that selected with the option jumpers.
Figure A-4.
Address Byte Format
SDA
SCL
START
STOP
Addr MSB
Addr LSB
R/W
ACK
SDA
SCL
START
12
78
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com