Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060 Datasheet(PDF) 14 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 1060 Datasheet HTML 10Page - Microchip Technology 1060 Datasheet HTML 11Page - Microchip Technology 1060 Datasheet HTML 12Page - Microchip Technology 1060 Datasheet HTML 13Page - Microchip Technology 1060 Datasheet HTML 14Page - Microchip Technology 1060 Datasheet HTML 15Page - Microchip Technology 1060 Datasheet HTML 16Page - Microchip Technology 1060 Datasheet HTML 17Page - Microchip Technology 1060 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
4.3
Data Read/Write
4.3.1
Writing Data to the Device
The sequence of events required to write data to the device is shown next
.
1.
The host initiates the transfer by sending the START condition
2.
The host follows this by sending the slave address of the device together with the WRITE bit.
3.
The device sends an ACK.
4.
The host then sends the memory address within the device it wishes to write to.
5.
The device sends an ACK.
6.
The host transmits one or more data bytes; each is acknowledged by the device.
7.
If the host sends more than one data byte, they are written to consecutive memory addresses.
8.
The device automatically increments the target memory address after writing each data byte.
9.
After writing the last data byte, the host should send the STOP condition.
Note: the host should not try to write beyond address 255 because this is the limit of the device’s internal memory
address.
4.3.2
Reading Data From the Device
The sequence of events required to read data from the device is shown next.
1.
The host initiates the transfer by sending the START condition
2.
The host follows this by sending the slave address of the device together with the WRITE bit.
3.
The device sends an ACK.
4.
The host then sends the memory address within the device it wishes to read from.
5.
The device sends an ACK.
Table 4-1.
Description of Write Data Bits
Key
Description
S
Start condition
SLA+W
Slave address plus write bit
A
Acknowledge bit
MemAddress
Target memory address within device
Data
Data to be written
P
Stop condition
SLA+W
MemAddress
AA
S
Data
A
P
Host to Device
Device Tx to Host
SLA+W
MemAddress
AA
S
S
SLA+R
A
A
P
Host to Device
Device Tx to Host
P
A
A
Data 1
Data 2
Data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com