Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060 Datasheet(PDF) 11 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 1060 Datasheet HTML 7Page - Microchip Technology 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology 1060 Datasheet HTML 10Page - Microchip Technology 1060 Datasheet HTML 11Page - Microchip Technology 1060 Datasheet HTML 12Page - Microchip Technology 1060 Datasheet HTML 13Page - Microchip Technology 1060 Datasheet HTML 14Page - Microchip Technology 1060 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
3.
Wiring and Parts
3.1
Cs Sample Capacitors
Cs0 – Cs5 are the charge sensing sample capacitors; normally they are identical in nominal value. The optimal Cs
values depend on the thickness of the panel and its dielectric constant. Thicker panels require larger values of Cs.
Typical values are 2.2 nF to 10 nF.
The value of Cs should be chosen so that a light touch on a key produces a reduction of ~10 – 20 in the key signal
value (see Section 5.22 on page 23). The chosen Cs value should never be so large that the key signals exceed
~1000, as reported by the chip in the debug data.
The Cs capacitors must be X7R or PPS film type, for stability. For consistent sensitivity, they should have a
10% tolerance. A 20% tolerance may cause small differences in sensitivity from key to key and unit to unit. If a
channel is not used, the Cs capacitor may be omitted.
3.2
Rs Resistors
Series resistors Rs (Rs0 – Rs5) are inline with the electrode connections and should be used to limit electrostatic
discharge (ESD) currents and to suppress radio frequency (RF) interference. They should be approximately 4.7 k
to 20 k
 each.
Although these resistors may be omitted, the device may become susceptible to external noise or radio frequency
interference (RFI). For details of how to select these resistors see the Application Note QTAN0002, Secrets of a
Successful QTouch Design, downloadable from the Touch Technology area of the Atmel website, www.atmel.com.
3.3
LED Traces and Other Switching Signals
Digital switching signals near the sense lines induce transients into the acquired signals, deteriorating the SNR
performance of the device. Such signals should be routed away from the sensing traces and electrodes, or the
design should be such that these lines are not switched during the course of signal acquisition (bursts).
LED terminals which are multiplexed or switched into a floating state, and which are within, or physically very near, a
key (even if on another nearby PCB) should be bypassed to either Vss or Vdd with at least a 10 nF capacitor. This is
to suppress capacitive coupling effects which can induce false signal shifts. The bypass capacitor does not need to
be next to the LED, in fact it can be quite distant. The bypass capacitor is noncritical and can be of any type.
LED terminals which are constantly connected to Vss or Vdd do not need further bypassing.
3.4
PCB Cleanliness
Modern no-clean flux is generally compatible with capacitive sensing circuits.
If a PCB is reworked in any way, clean it thoroughly to remove all traces of the flux residue around the capacitive
sensor components. Dry it thoroughly before any further testing is conducted.
CAUTION: If a PCB is reworked to correct soldering faults relating to the device, or to
any associated traces or components, be sure that you fully understand the nature of the
flux used during the rework process. Leakage currents from hygroscopic ionic residues
can stop capacitive sensors from functioning. If you have any doubts, a thorough
cleaning after rework may be the only safe option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com