Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G474CBH6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 51Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 52Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 53Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 54Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 55Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 56Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 57Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 58Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 232 page
background image
DS12288 Rev 1
55/232
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
78
4.9
Pin definition
Table 11. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
B
Dedicated BOOT0 pin
NRST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT or FT I/Os
_a(1)
I/O, with Analog switch function supplied by VDDA
_c
I/O, USB Type-C PD capable
_d
I/O, USB Type-C PD Dead Battery function
_f(2)
I/O, Fm+ capable
_u(3)
I/O, with USB function
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 12 are: FT_a, FT_fa, TT_a.
2. The related I/O structures in Table 12 are: FT_f, FT_fa.
3. The related I/O structures in Table 12 are FT_u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com