Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G474CBH6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 96Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 97Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 98Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 99Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 100Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 101Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 102Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 103Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 232 page
background image
IDD
(LPRun)
Supply
current in
Low-power
run
SYSCLK source is HSI16
fHCLK = 2 MHz
all peripherals disable
Reduced
code(1)
920
970
µA
460
485
µA/MHz
Coremark
905
985
453
493
Dhrystone2.1
915
915
458
458
Fibonacci
1,050
950
525
475
While(1)
930
875
465
438
1. Reduced code used for characterization results provided in Table 21, Table 23, Table 25.
Table 26. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF) (continued)
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage scaling
25°C
25°C
25°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com