Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G474CBH6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 22Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 23Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 24Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 25Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 26Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 27Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 28Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 29Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 232 page
background image
Functional overview
STM32G474xB STM32G474xC STM32G474xE
26/232
DS12288 Rev 1
3.12
Interconnect matrix
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources thus power supply
consumption. In addition, these hardware connections allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep and Stop
modes.
Table 3. STM32G474xB/xC/xE peripherals interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
Y
Y
Y
Y
-
ADCx
DACx
Conversion triggers
Y
Y
Y
Y
-
DMA
Memory to memory transfer trigger
Y
Y
Y
Y
-
COMPx
Comparator output blanking
Y
Y
Y
Y
-
TIM16/TIM17
IRTIM
Infrared interface output generation
Y
Y
Y
Y
-
COMPx
TIM1, 8, 20
TIM2, 3, 4, 5
Timer input channel, trigger, break from
analog signals comparison
YY
YY
-
LPTIMER1
Low-power timer triggered by analog
signals comparison
YY
YY
Y
HRTIM
COMPx Output is an input event or a
fault input for HRTIM
YY
YY
-
ADCx
TIM1, 8, 20
Timer triggered by analog watchdog
Y
Y
Y
Y
-
HRTIM
HRTIM external event source can be
ADCx analog watchdog
YY
YY
-
RTC
TIM16
Timer input channel from RTC events
Y
Y
Y
Y
-
LPTIMER1
Low-power timer triggered by RTC
alarms or tampers
YY
YY
Y
All clocks sources (internal and
external)
TIM5,
TIM15, 16, 17
Clock source used as input channel for
RC measurement and trimming
YY
YY
-
USB
TIM2
Timer triggered by USB SOF
Y
Y
-
-
-
CSS
RAM (parity error)
Flash memory (ECC error)
COMPx
PVD
TIM1,8, 20
TIM15,16,17
HRTIM
Timer break
HRTIM SYSFLT
YY
YY
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com