Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G474CBH6 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 111Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 112Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 113Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 114Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 115Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 116Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 117Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 118Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 232 page
background image
DS12288 Rev 1
115/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 39. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 14:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 39. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 38. Peripheral current consumption
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and sleep
Unit
-
Bus Matrix
6.12
5.69
4.70
6.11
µA/MHz
AHB1 to APB1 bridge
0.26
0.25
0.22
0.03
AHB1 to APB2 bridge
0.39
0.37
0.32
0.03
FSMC
10.21
9.52
7.87
10.28
QUADSPI
3.51
3.27
2.69
3.51
AHB1
CORDIC
1.28
1.19
0.98
0.78
µA/MHz
CRC
0.74
0.68
0.57
0.63
DMA 1
2.83
2.64
2.17
2.75
DMA 2
3.11
2.90
2.39
2.43
DMAMUX
6.71
6.26
5.17
6.68
SRAM1
0.58
0.54
0.44
0.54
FLASH
6.46
6.01
4.95
6.15
FMAC
4.59
4.29
3.57
3.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com