Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18543Q3AT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD18543Q3AT.B
Description  CSD18543Q3A 60-V N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18543Q3AT.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD18543Q3AT.B Datasheet HTML 1Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 2Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 3Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 4Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 5Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 6Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 7Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 8Page - Texas Instruments CSD18543Q3AT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
3
6
9
12
15
18
21
24
27
30
D007
TC = 25°C, I D = 12 A
TC = 125°C, I D = 12 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 12 A
VDS = 30 V
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD18543Q3A
SLPS633 – DECEMBER 2016
CSD18543Q3A 60-V N-Channel NexFET™ Power MOSFET
1
1 Features
1
•
Ultra-Low Qg and Qgd
•
Low RDS(on)
•
Low-Thermal Resistance
•
Avalanche Rated
•
Lead Free
•
RoHS Compliant
•
Halogen Free
•
SON 3.3-mm × 3.3-mm Plastic Package
2 Applications
•
Solid State Relay Switch
•
DC-DC Conversion
•
Secondary Side Synchronous Rectifier
•
Isolated Converter Primary Side Switch
•
Motor Control
3 Description
This
60-V,
8.1-mΩ,
SON
3.3-mm
×
3.3-mm
NexFET™ power MOSFET is designed to minimize
losses in power conversion applications.
Top View
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
60
V
Qg
Gate Charge Total (10 V)
11.1
nC
Qgd
Gate Charge Gate-to-Drain
1.7
nC
RDS(on)
Drain-to-Source On Resistance
VGS = 4.5 V
12.0
m
Ω
VGS = 10 V
8.1
VGS(th)
Threshold Voltage
2.0
V
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD18543Q3A
13-Inch Reel
2500
SON
3.30-mm × 3.30-mm
Plastic Package
Tape
and
Reel
CSD18543Q3AT
7-Inch Reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
60
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package Limited)
35
A
Continuous Drain Current (Silicon Limited),
TC = 25°C
60
Continuous Drain Current(1)
12
IDM
Pulsed Drain Current(2)
156
A
PD
Power Dissipation(1)
2.8
W
Power Dissipation, TC = 25°C
66
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, Single Pulse
ID = 33 A, L = 0.1 mH, RG = 25 Ω
55
mJ
(1) Typical RθJA = 45°C/W on a 1-in
2, 2-oz Cu pad on a
0.06-in thick FR4 PCB.
(2) Max RθJC = 1.9°C/W, pulse duration ≤ 100 μs, duty cycle ≤
1%.
RDS(on) vs VGS
Gate Charge


Similar Part No. - CSD18543Q3AT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18543Q3AT TI1-CSD18543Q3AT Datasheet
409Kb / 13P
CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
logo
TECH PUBLIC Electronics...
CSD18543Q3AT-TP TECHPUBLIC-CSD18543Q3AT-TP Datasheet
2Mb / 4P
N-Channel MOSFET
More results

Similar Description - CSD18543Q3AT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
60-V, N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
60-V N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
60-V N-Channel NexFET Power MOSFETs
CSD18535KCS TI-CSD18535KCS_15 Datasheet
338Kb / 11P
CSD18535KCS 60 V N-Channel NexFET Power MOSFET
CSD18536KCS TI-CSD18536KCS_15 Datasheet
454Kb / 11P
CSD18536KCS 60 V N-Channel NexFET Power MOSFET
CSD18535KTT TI1-CSD18535KTT Datasheet
417Kb / 13P
60 V N-Channel NexFET Power MOSFET
CSD18536KTT TI1-CSD18536KTT Datasheet
418Kb / 13P
60 V N-Channel NexFET Power MOSFET
CSD18542KTT TI1-CSD18542KTT Datasheet
524Kb / 13P
60-V N-Channel NexFET Power MOSFET
CSD18543Q3A TI1-CSD18543Q3A Datasheet
409Kb / 13P
CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com