Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5365 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5365
Description  High-Performance Single 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5365 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5365 Datasheet HTML 1Page - Microchip Technology MIC5365 Datasheet HTML 2Page - Microchip Technology MIC5365 Datasheet HTML 3Page - Microchip Technology MIC5365 Datasheet HTML 4Page - Microchip Technology MIC5365 Datasheet HTML 5Page - Microchip Technology MIC5365 Datasheet HTML 6Page - Microchip Technology MIC5365 Datasheet HTML 7Page - Microchip Technology MIC5365 Datasheet HTML 8Page - Microchip Technology MIC5365 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC5365/6
June 2012
3
M9999-062012-C
Ordering Information
Part Number
Marking
Code
Output
Voltage
Temperature Range
Package
Lead Finish
MIC5365-1.0YMT
5C
1.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.2YMT
54
1.2V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.3YMT
55
1.3V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.5YMT
5F
1.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.8YMT
5G
1.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.0YMT
5H
2.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.5YMT
5J
2.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.6YMT
5K
2.6V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.7YMT
5L
2.7V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.8YMT
5M
2.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.85YMT
5N
2.85V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.9YMT
5O
2.9V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-3.0YMT
5P
3.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-3.1YMT
5Q
3.1V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-3.3YMT
5S
3.3V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.0YC5
65C
1.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.2YC5
654
1.2V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.3YC5
655
1.3V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.5YC5
65F
1.5V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.8YC5
65G
1.8V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.0YC5
65H
2.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.5YC5
65J
2.5V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.6YC5
65K
2.6V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.7YC5
65L
2.7V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.8YC5
65M
2.8V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.85YC5
65N
2.85V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.9YC5
65O
2.9V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-3.0YC5
65P
3.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-3.3YC5
65S
3.3V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.2YD5
645
1.2V
–40°C to +125°C
5-Pin TSOT23
Pb-Free
MIC5365-1.8YD5
6G5
1.8V
–40°C to +125°C
5-Pin TSOT23
Pb-Free
MIC5365-2.8YD5
6M5
2.8V
–40°C to +125°C
5-Pin TSOT23
Pb-Free
MIC5365-2.85YD5
6N5
2.85V
–40°C to +125°C
5-Pin TSOT23
Pb-Free
MIC5365-3.3YD5
6S5
3.3V
–40°C to +125°C
5-Pin TSOT23
Pb-Free
MIC5366-1.0YMT*
6C
1.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.2YMT*
64
1.2V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.3YMT*
65
1.3V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.5YMT*
6F
1.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.8YMT*
6G
1.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.0YMT*
6H
2.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.5YMT*
6J
2.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.6YMT*
6K
2.6V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.7YMT*
6L
2.7V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com